| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663 bảng dữ liệu(PDF) 66 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 bảng dữ liệu(HTML) 66 Page - Renesas Technology Corp |
|
66 / 1158 page ![]() Section 1 Overview Rev.1.00 Jun. 07, 2006 Page 14 of 1102 REJ09B0294-0100 Classification Abbreviation Pin No. (FP-144LV) I/O Description 16-bit timer pulse unit (TPU) TCLKA-A/TCLKA-B TCLKB-A/TCLKB-B TCLKC-A/TCLKC-B TCLKD-A/TCLKD-B 58/93 62/94 104/100 106/101 Input/ output Input pins for the external clocks. TIOCA0 TIOCB0 TIOCC0 TIOCD0 56, 57 57 58, 62 62 Input/ output Signals for TGRA0 to TGRD0. These are used for the input capture inputs/output compare outputs/PWM outputs. TIOCA1 TIOCB1 63, 104 104 Input/ output Signals for TGRA_1 and TGRB_1. These are used for the input capture inputs/output compare outputs/PWM outputs. TIOCA2 TIOCB2 105, 106 106 Input/ output Signals for TGRA_2 and TGRB_2. These are used for the input capture inputs/output compare outputs/PWM outputs. TIOCA3 TIOCB3 TIOCC3 TIOCD3 49, 51 49 52, 53 53 Input/ output Signals for TGRA_3 and TGRB_3. These are used for the input capture inputs/output compare outputs/PWM outputs. TIOCA4 TIOCB4 54, 55 54 Input/ output Signals for TGRA_4 and TGRB_4. These are used for the input capture inputs/output compare outputs/PWM outputs. TIOCA5 TIOCB5 59, 60 60 Input/ output Signals for TGRA_5 and TGRB_5. These are used for the input capture inputs/output compare outputs/PWM outputs. Programmable pulse generator (PPG) PO15 PO14 PO13 PO12 PO11 PO10 PO9 PO8 PO7 PO6 PO5 PO4 PO3 PO2 PO1 PO0 106 105 104 63 62 58 57 56 60 59 55 54 53 52 51 49 Output Output pins for the pulse signals. |