| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663 bảng dữ liệu(PDF) 179 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 bảng dữ liệu(HTML) 179 Page - Renesas Technology Corp |
|
179 / 1158 page ![]() Section 5 Interrupt Controller Rev.1.00 Jun. 07, 2006 Page 127 of 1102 REJ09B0294-0100 Table 5.8 shows a setting example of the priority control function over the DTC and DMAC and the transfer request control state. A priority level can be independently set to each DMAC channel, but the table only shows one channel for example. Transfers through the DMAC channels can be separately controlled by assigning different priority levels for channels. Table 5.8 Example of Priority Control Function Setting and Control State Transfer Request Control State Interrupt Control Mode CPUPCE in CPUPCR CPUP2 to CPUP0 DTCP2 to DTCP0 DMAP2 to DMAP0 DTC DMAC 0 0 Any Any Any Enabled Enabled 1 B'000 B'000 B'000 Enabled Enabled B'100 B'000 B'000 Masked Masked B'100 B'000 B'011 Masked Masked B'100 B'111 B'101 Enabled Enabled B'000 B'111 B'101 Enabled Enabled 2 0 Any Any Any Enabled Enabled 1 B'000 B'000 B'000 Enabled Enabled B'000 B'011 B'101 Enabled Enabled B'011 B'011 B'101 Enabled Enabled B'100 B'011 B'101 Masked Enabled B'101 B'011 B'101 Masked Enabled B'110 B'011 B'101 Masked Masked B'111 B'011 B'101 Masked Masked B'101 B'011 B'101 Masked Enabled B'101 B'110 B'101 Enabled Enabled |