| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663 bảng dữ liệu(PDF) 613 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 bảng dữ liệu(HTML) 613 Page - Renesas Technology Corp |
|
613 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 561 of 1102 REJ09B0294-0100 (d) Phase counting mode 4 Figure 10.28 shows an example of phase counting mode 4 operation, and table 10.36 summarizes the TCNT up/down-count conditions. Time Up-count Down-count TCNT value TCLKA (channels 1 and 5) TCLKC (channels 2 and 4) TCLKB (channels 1 and 5) TCLKD (channels 2 and 4) Figure 10.28 Example of Phase Counting Mode 4 Operation Table 10.36 Up/Down-Count Conditions in Phase Counting Mode 4 TCLKA (Channels 1 and 5) TCLKC (Channels 2 and 4) TCLKB (Channels 1 and 5) TCLKD (Channels 2 and 4) Operation High level Low level Up-count Low level High level Don't care High level Low level Down-count High level Low level Don't care [Legend] : Rising edge : Falling edge |