| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1663 bảng dữ liệu(PDF) 465 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1663 bảng dữ liệu(HTML) 465 Page - Renesas Technology Corp |
|
465 / 1158 page ![]() Section 8 Data Transfer Controller (DTC) Rev.1.00 Jun. 07, 2006 Page 413 of 1102 REJ09B0294-0100 8.5.2 Transfer Information Read Skip Function By setting the RRS bit of DTCCR, the vector address read and transfer information read can be skipped. The current DTC vector number is always compared with the vector number of previous activation. If the vector numbers match when RRS = 1, a DTC data transfer is performed without reading the vector address and transfer information. If the previous activation is a chain transfer, the vector address read and transfer information read are always performed. Figure 8.6 shows the transfer information read skip timing. To modify the vector table and transfer information, temporarily clear the RRS bit to 0, modify the vector table and transfer information, and then set the RRS bit to 1 again. When the RRS bit is cleared to 0, the stored vector number is deleted, and the updated vector table and transfer information are read at the next activation. Clock Vector read Note: Transfer information read is skipped when the activation sources of (1) and (2) (vector numbers) are the same while RRS = 1. (1) (2) Transfer information read Data transfer Transfer information write Address DTC activation request DTC request Transfer information read skip R W Data transfer Transfer information write R W Figure 8.6 Transfer Information Read Skip Timing |