| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX1663 bảng dữ liệu(PDF) 205 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 bảng dữ liệu(HTML) 205 Page - Renesas Technology Corp |
|
205 / 1158 page ![]() Section 6 Bus Controller (BSC) Rev.1.00 Jun. 07, 2006 Page 153 of 1102 REJ09B0294-0100 6.2.11 Burst ROM Interface Control Register (BROMCR) BROMCR specifies the burst ROM interface. Bit Bit Name Initial Value R/W 15 BSRM0 0 R/W 14 BSTS02 0 R/W 13 BSTS01 0 R/W 12 BSTS00 0 R/W 11 0 R 10 0 R 9 BSWD01 0 R/W 8 BSWD00 0 R/W Bit Bit Name Initial Value R/W 7 BSRM1 0 R/W 6 BSTS12 0 R/W 5 BSTS11 0 R/W 4 BSTS10 0 R/W 3 0 R 2 0 R 1 BSWD11 0 R/W 0 BSWD10 0 R/W Bit Bit Name Initial Value R/W Description 15 BSRM0 0 R/W Area 0 Burst ROM Interface Select Specifies the area 0 bus interface. To set this bit to 1, clear bit BCSEL0 in SRAMCR to 0. 0: Basic bus interface or byte-control SRAM interface 1: Burst ROM interface 14 13 12 BSTS02 BSTS01 BSTS00 0 0 0 R/W R/W R/W Area 0 Burst Cycle Select Specifies the number of burst cycles of area 0 000: 1 cycle 001: 2 cycles 010: 3 cycles 011: 4 cycles 100: 5 cycles 101: 6 cycles 110: 7 cycles 111: 8 cycles 11, 10 All 0 R Reserved These are read-only bits and cannot be modified. |