| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX1663 bảng dữ liệu(PDF) 780 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 bảng dữ liệu(HTML) 780 Page - Renesas Technology Corp |
|
780 / 1158 page ![]() Section 15 Serial Communication Interface (SCI, IrDA, CRC) Rev.1.00 Jun. 07, 2006 Page 728 of 1102 REJ09B0294-0100 D0 D1 D2 D3 D4 D5 D6 D7 Dp DE Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp (DE) Ds D0 D1 D2 D3 D4 Ds (n + 1) th transfer frame Retransfer frame nth transfer frame TDRE TEND [1] FER/ERS Transfer from TDR to TSR Transfer from TDR to TSR Transfer from TDR to TSR [2] [4] [3] Figure 15.29 Data Re-Transfer Operation in SCI Transmission Mode Note that the TEND flag is set in different timings depending on the GM bit setting in SMR. Figure 15.30 shows the TEND flag set timing. Ds D0 D1 D2 D3 D4 D5 D6 D7 Dp I/O data 12.5 etu TXI (TEND interrupt) 11.0 etu DE Guard time GM = 0 GM = 1 [Legend] Ds: Start bit D0 to D7: Data bits Dp: Parity bit DE: Error signal Figure 15.30 TEND Flag Set Timing during Transmission |