| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX1663 bảng dữ liệu(PDF) 597 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX1663 bảng dữ liệu(HTML) 597 Page - Renesas Technology Corp |
|
597 / 1158 page ![]() Section 10 16-Bit Timer Pulse Unit (TPU) Rev.1.00 Jun. 07, 2006 Page 545 of 1102 REJ09B0294-0100 10.4.3 Buffer Operation Buffer operation, provided for channels 0 and 3, enables TGRC and TGRD to be used as buffer registers. Buffer operation differs depending on whether TGR has been designated as an input capture register or a compare match register. Table 10.29 shows the register combinations used in buffer operation. Table 10.29 Register Combinations in Buffer Operation Channel Timer General Register Buffer Register TGRA_0 TGRC_0 0 TGRB_0 TGRD_0 TGRA_3 TGRC_3 3 TGRB_3 TGRD_3 • When TGR is an output compare register When a compare match occurs, the value in the buffer register for the corresponding channel is transferred to the timer general register. This operation is illustrated in figure 10.12. Buffer register Timer general register TCNT Comparator Compare match signal Figure 10.12 Compare Match Buffer Operation |