| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S2233 bảng dữ liệu(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2233 bảng dữ liệu(HTML) 29 Page - Renesas Technology Corp |
|
29 / 1071 page ![]() Rev. 5.00 Aug 08, 2006 page xxix of lxxxvi Item Page Revision (See Manual for Details) 12.6 Operation with Cascaded Connection 457 Description amended ... (TCR_2 and TCR_3)* ... (channel 2)* ... (channel 3)* Note * added Note: * Not available in the H8S/2237 Group and H8S/2227 Group. 458 Table 12.2 amended Interrupt source Description CMIA2* TCORA_2 compare-match CMIB2* TCORB_2 compare-match OVI2* TCNT_2 overflow CMIA3* TCORA_3 compare-match CMIB3* TCORB_3 compare-match OVI3* TCNT_3 overflow 12.7.1 Interrupt Sources and DTC Activation Table 12.2 8-Bit Timer Interrupt Sources Note * added Note: * Not available in the H8S/2237 Group and H8S/2227 Group. 12.8.7 Mode Setting of Cascaded Connection 464 Description amended ... (TCNT_2 and TCNT_3)* ... Note * added Note: * Not available in the H8S/2237 Group and H8S/2227 Group. 466 Figure 13.1 amended Internal clock sources* 2 13.1 Features Figure 13.1 Block Diagram of WDT_0 (1) Note 2 amended Note: 2. When a sub-clock is operating in power-down mode, φ will be φSUB. Figure 13.1 Block Diagram of WDT_1 (2) 467 Note *2 deleted 13.4.2 Interval Timer Mode 474 Description added ... TCNT overflows. (The NMI interrupt is not generated.) Therefore, an interrupt can be generated at intervals. 13.4.4 Timing of Setting Watchdog Timer Overflow Flag (WOVF) 476 Description added ... If TCNT overflows ... entire chip. (The WOVI interrupt is not generated.) This timing is illustrated in figure 13.5. |