| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2134 bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2134 bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp |
|
49 / 1061 page ![]() Rev. 4.00 Jun 06, 2006 page xlix of liv Table 13.9 Meaning of HSYNCO Output in Each Mode......................................................... 367 Table 13.10 Meaning of VSYNCO Output in Each Mode......................................................... 368 Section 14 Watchdog Timer (WDT) Table 14.1 WDT Pin ................................................................................................................ 374 Table 14.2 WDT Registers ....................................................................................................... 374 Section 15 Serial Communication Interface (SCI, IrDA) Table 15.1 SCI Pins.................................................................................................................. 390 Table 15.2 SCI Registers.......................................................................................................... 391 Table 15.3 BRR Settings for Various Bit Rates (Asynchronous Mode) .................................. 406 Table 15.4 BRR Settings for Various Bit Rates (Synchronous Mode) .................................... 409 Table 15.5 Maximum Bit Rate for Each Frequency (Asynchronous Mode)............................ 411 Table 15.6 Maximum Bit Rate with External Clock Input (Asynchronous Mode).................. 412 Table 15.7 Maximum Bit Rate with External Clock Input (Synchronous Mode) .................... 413 Table 15.8 SMR Settings and Serial Transfer Format Selection .............................................. 418 Table 15.9 SMR and SCR Settings and SCI Clock Source Selection ...................................... 418 Table 15.10 Serial Transfer Formats (Asynchronous Mode) ..................................................... 420 Table 15.11 Receive Errors and Conditions for Occurrence ...................................................... 429 Table 15.12 Bit IrCKS2 to IrCKS0 Settings .............................................................................. 449 Table 15.13 SCI Interrupt Sources ............................................................................................. 450 Table 15.14 State of SSR Status Flags and Transfer of Receive Data ...................................... 451 Section 16 I 2C Bus Interface [H8S/2138 Group Option] Table 16.1 I 2C Bus Interface Pins............................................................................................. 458 Table 16.2 Register Configuration ........................................................................................... 459 Table 16.3 Flags and Transfer States ....................................................................................... 474 Table 16.4 I 2C Bus Data Format Symbols................................................................................ 487 Table 16.5 Examples of Operation Using the DTC.................................................................. 499 Table 16.6 I 2C Bus Timing (SCL and SDA Output) ................................................................ 507 Table 16.7 Permissible SCL Rise Time (t Sr) Values ................................................................. 508 Table 16.8 I 2C Bus Timing (with Maximum Influence of t Sr/tSf)............................................... 509 Section 17 Host Interface [H8S/2138 Group] Table 17.1 Host Interface Input/Output Pins........................................................................... 525 Table 17.2 Host Interface Registers ......................................................................................... 526 Table 17.3 Set/Clear Timing for STR1 Flags........................................................................... 532 Table 17.4 Set/Clear Timing for STR2 Flags........................................................................... 535 Table 17.5 Host Interface Channel Selection and Pin Operation ............................................. 536 Table 17.6 Host Interface Operation ........................................................................................ 537 Table 17.7 GA20 (P81) Set/Clear Timing................................................................................ 538 |