công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 901 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 901 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 897Page - Renesas Technology Corp H8S/2117R Datasheet HTML 898Page - Renesas Technology Corp H8S/2117R Datasheet HTML 899Page - Renesas Technology Corp H8S/2117R Datasheet HTML 900Page - Renesas Technology Corp H8S/2117R Datasheet HTML 901Page - Renesas Technology Corp H8S/2117R Datasheet HTML 902Page - Renesas Technology Corp H8S/2117R Datasheet HTML 903Page - Renesas Technology Corp H8S/2117R Datasheet HTML 904Page - Renesas Technology Corp H8S/2117R Datasheet HTML 905Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 901 / 1024 page
background image
Section 27 List of Registers
Rev. 1.00 Apr. 28, 2008 Page 875 of 994
REJ09B0452-0100
Register Name
Abbreviation
Number
of bits
Address
Module
Data
Width
Access
States
Port 3 data direction register
P3DDR
8
H'FFB4
(PORTS = 0)
PORT
8
2
Port 4 data direction register
P4DDR
8
H'FFB5
(PORTS = 0)
PORT
8
2
Port 3 data register
P3DR
8
H'FFB6
(PORTS = 0)
PORT
8
2
Port 4 data register
P4DR
8
H'FFB7
(PORTS = 0)
PORT
8
2
Port 5 data direction register
P5DDR
8
H'FFB8
(PORTS = 0)
PORT
8
2
Port 6 data direction register
P6DDR
8
H'FFB9
(PORTS = 0)
PORT
8
2
Port 5 data register
P5DR
8
H'FFBA
(PORTS = 0)
PORT
8
2
Port 6 data register
P6DR
8
H'FFBB
(PORTS = 0)
PORT
8
2
Port B output data register
PBODR
8
H'FFBC
(PORTS = 0)
PORT
8
2
Port 8 data direction register
P8DDR
8
H'FFBD (Write)
(PORTS = 0)
PORT
8
2
Port B input data register
PBPIN
8
H'FFBD (Read)
(PORTS = 0)
PORT
8
2
Port 7 input data register
P7PIN
8
H'FFBE (Read)
(PORTS = 0)
PORT
8
2
Port B data direction register
PBDDR
8
H'FFBE (Write)
(PORTS = 0)
PORT
8
2
Port 8 data register
P8DR
8
H'FFBF
(PORTS = 0)
PORT
8
2
Port 9 data direction register
P9DDR
8
H'FFC0
(PORTS = 0)
PORT
8
2
Port 9 data register
P9DR
8
H'FFC1
(PORTS = 0)
PORT
8
2
Interrupt enable register
IER
8
H'FFC2
INT
8
2
Serial timer control register
STCR
8
H'FFC3
SYSTEM 8
2
System control register
SYSCR
8
H'FFC4
SYSTEM 8
2
Mode control register
MDCR
8
H'FFC5
SYSTEM 8
2
Bus control register
BCR
8
H'FFC6
BSC
8
2
Wait state control register
WSCR
8
H'FFC7
BSC
8
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com