công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 694 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 694 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 690Page - Renesas Technology Corp H8S/2117R Datasheet HTML 691Page - Renesas Technology Corp H8S/2117R Datasheet HTML 692Page - Renesas Technology Corp H8S/2117R Datasheet HTML 693Page - Renesas Technology Corp H8S/2117R Datasheet HTML 694Page - Renesas Technology Corp H8S/2117R Datasheet HTML 695Page - Renesas Technology Corp H8S/2117R Datasheet HTML 696Page - Renesas Technology Corp H8S/2117R Datasheet HTML 697Page - Renesas Technology Corp H8S/2117R Datasheet HTML 698Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 694 / 1024 page
background image
Section 20 LPC Interface (LPC)
Rev. 1.00 Apr. 28, 2008 Page 668 of 994
REJ09B0452-0100
Table 20.6 shows the scope of the LPC interface pin shutdown.
Table 20.6
Scope of LPC Interface Pin Shutdown
Abbreviation
Port
Scope of
Shutdown
I/O
Notes
LAD3 to LAD0
P33 to P30
O
I/O
Hi-Z
LFRAME
P34
O
Input
Hi-Z
LRESET
P35
X
Input
LPC hardware reset function is active
LCLK
P36
O
Input
Hi-Z
SERIRQ
P37
O
I/O
Hi-Z
LSCI
PB1
∆
I/O
Hi-Z, only when LSCIE = 1
LSMI
PB0
∆
I/O
Hi-Z, only when LSMIE = 1
PME
P80
∆
I/O
Hi-Z, only when PMEE = 1
GA20
P81
∆
I/O
Hi-Z, only when FGA20E = 1
CLKRUN
P82
O
Input
Hi-Z
LPCPD
P83
X
Input
Needed to clear shutdown state
[Legend]
O:
Pin that is shutdown by the shutdown function
∆:
Pin that is shutdown only when the LPC function is selected by register setting
X:
Pin that is not shutdown
In the LPC shutdown state, the LPC's internal state and some register bits are initialized. The order
of priority of LPC shutdown and reset states is as follows.
1. System reset (reset by
RES pin input, or WDT overflow)
All register bits, including bits LPC4E to LPC1E, are initialized.
2. LPC hardware reset (reset by
LRESET pin input)
LRSTB, SDWNE, and SDWNB bits are cleared to 0.
3. LPC software reset (reset by LRSTB)
SDWNE and SDWNB bits are cleared to 0.
4. LPC hardware shutdown
SDWNB bit is cleared to 0.
5. LPC software shutdown
The scope of the initialization in each mode is shown in table 20.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com