công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 690 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 690 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 686Page - Renesas Technology Corp H8S/2117R Datasheet HTML 687Page - Renesas Technology Corp H8S/2117R Datasheet HTML 688Page - Renesas Technology Corp H8S/2117R Datasheet HTML 689Page - Renesas Technology Corp H8S/2117R Datasheet HTML 690Page - Renesas Technology Corp H8S/2117R Datasheet HTML 691Page - Renesas Technology Corp H8S/2117R Datasheet HTML 692Page - Renesas Technology Corp H8S/2117R Datasheet HTML 693Page - Renesas Technology Corp H8S/2117R Datasheet HTML 694Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 1024 page
background image
Section 20 LPC Interface (LPC)
Rev. 1.00 Apr. 28, 2008 Page 664 of 994
REJ09B0452-0100
20.4.3
Gate A20
The Gate A20 signal can mask address A20 to emulate the address mode of the 8086* architecture
CPU used in personal computers. Normally, the Gate A20 signal can be controlled by a firmware.
The fast Gate A20 function that realizes high-seed performance by hardware is enabled by setting
the FGA20E bit to 1 in HICR0.
Note:
An Intel microprocessor
(1)
Regular Gate A20 Operation
Output of the Gate A20 signal can be controlled by an H'D1 command and data. When the slave
(this LSI) receives data, it normally reads IDR1 in the interrupt handling routine activated by the
IBFI1 interrupt. At this time, firmware copies bit 1 of data following an H'D1 command and
outputs it on pin GA20.
(2)
Fast Gate A20 Operation
The internal state of pin GA20 is initialized to 1 since the initial value of the FGA20E bit is 0.
When the FGA20E bit is set to 1, pin P81/GA20 functions as the output of the fast GA20 signal.
The state of pin GA20 can be monitored by reading bit GA20 in HICR2.
The initial output from this pin is 1, which is the initial value. Afterward, the host can manipulate
the output from this pin by sending commands and data. This function is only available via the
IDR1. The LPC decodes commands input from the host. When an H'D1 host command is
detected, bit 1 of the data following the host command is output from pin GA20. This operation
does not depend on firmware or interrupts, and is faster than the regular processing using
interrupts. Table 20.4 shows the conditions that set and clear pin GA20. Figure 20.4 shows the
GA20 output flow. Table 20.5 indicates the GA20 output signal values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com