công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 641 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 641 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 637Page - Renesas Technology Corp H8S/2117R Datasheet HTML 638Page - Renesas Technology Corp H8S/2117R Datasheet HTML 639Page - Renesas Technology Corp H8S/2117R Datasheet HTML 640Page - Renesas Technology Corp H8S/2117R Datasheet HTML 641Page - Renesas Technology Corp H8S/2117R Datasheet HTML 642Page - Renesas Technology Corp H8S/2117R Datasheet HTML 643Page - Renesas Technology Corp H8S/2117R Datasheet HTML 644Page - Renesas Technology Corp H8S/2117R Datasheet HTML 645Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 641 / 1024 page
background image
Section 20 LPC Interface (LPC)
Rev. 1.00 Apr. 28, 2008 Page 615 of 994
REJ09B0452-0100
Section 20 LPC Interface (LPC)
This LSI has an on-chip LPC interface.
The LPC includes four register sets, each of which comprises data and status registers, control
register, the fast Gate A20 logic circuit, and the host interrupt request circuit.
The LPC performs serial transfer of cycle type, address, and data, synchronized with the 33 MHz
PCI clock. It uses four signal lines for address/data and one for host interrupt requests. This LPC
module supports I/O read and I/O write cycle transfers. It is also provided with power-down
functions that can control the PCI clock and shut down the LPC interface.
20.1
Features
• Supports LPC interface I/O read and I/O write cycles
 Uses four signal lines (LAD3 to LAD0) to transfer the cycle type, address, and data.
 Uses three control signals: clock (LCLK), reset (LRESET), and frame (LFRAME).
• Four register sets comprising data and status registers
 The basic register set comprises three bytes: an input register (IDR), output register (ODR),
and status register (STR).
 I/O addresses from H'0000 to H'FFFF are selected for channels 1 to 4.
 A fast Gate A20 function is provided for channel 1.
 For channel 3, sixteen bidirectional data register bytes can be manipulated in addition to
the basic register set.
• Supports SCIF
 The LPC interface is connected to the SCIF, allowing direct control of the SCIF by the
LPC host.
• Supports SERIRQ
 Host interrupt requests are transferred serially on a single signal line (SERIRQ).
 On channel 1, HIRQ1 and HIRQ12 can be generated.
 On channels 2, 3 and 4, SMI, HIRQ6, and HIRQ9 to HIRQ11 can be generated.
 In the SCIF, HIRQ1, SMI, and HIRQ3 to HIRQ15 can be generated.
 Operation can be switched between quiet mode and continuous mode.
 The CLKRUN signal can be manipulated to restart the PCI clock (LCLK).
• Power-down modes and interrupts
 The LPC module can be shut down by inputting the LPCPD signal.
 Three pins, PME, LSMI, and LSCI, are provided for general input/output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com