công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 621 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 621 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 617Page - Renesas Technology Corp H8S/2117R Datasheet HTML 618Page - Renesas Technology Corp H8S/2117R Datasheet HTML 619Page - Renesas Technology Corp H8S/2117R Datasheet HTML 620Page - Renesas Technology Corp H8S/2117R Datasheet HTML 621Page - Renesas Technology Corp H8S/2117R Datasheet HTML 622Page - Renesas Technology Corp H8S/2117R Datasheet HTML 623Page - Renesas Technology Corp H8S/2117R Datasheet HTML 624Page - Renesas Technology Corp H8S/2117R Datasheet HTML 625Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 621 / 1024 page
background image
Section 19 Keyboard Buffer Control Unit (PS2)
Rev. 1.00 Apr. 28, 2008 Page 595 of 994
REJ09B0452-0100
Bit
Bit Name
Initial
Value
R/W
Description
2
KBF
0
R/(W)* Keyboard Buffer Register Full
Indicates that data reception has been completed and
the received data is in KBBR. When both KBIE and
KBF are set to1, an interrupt request is sent to the
CPU.
0: [Clearing condition]
Read KBF when KBF =1, then write 0 in KBF
1: [Setting conditions]
• When data has been received normally and has
been transferred to KBBR while KBFSEL = 1
(keyboard buffer register full flag)
• When a KCLK falling edge is detected while
KBFSEL = 0 (KCLK interrupt flag)
1
PER
0
R/(W)* Parity Error
Indicates that an odd parity error has occurred.
0: [Clearing condition]
Read PER when PER =1, then write 0 in PER
1: [Setting condition]
When an odd parity error occurs
0
KBS
0
R
Keyboard Stop
Indicates the receive data stop bit. Valid only when
KBF = 1.
0: 0 stop bit received
1: 1 stop bit received
Note:
*
Only 0 can be written for clearing the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com