công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 617 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 617 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 613Page - Renesas Technology Corp H8S/2117R Datasheet HTML 614Page - Renesas Technology Corp H8S/2117R Datasheet HTML 615Page - Renesas Technology Corp H8S/2117R Datasheet HTML 616Page - Renesas Technology Corp H8S/2117R Datasheet HTML 617Page - Renesas Technology Corp H8S/2117R Datasheet HTML 618Page - Renesas Technology Corp H8S/2117R Datasheet HTML 619Page - Renesas Technology Corp H8S/2117R Datasheet HTML 620Page - Renesas Technology Corp H8S/2117R Datasheet HTML 621Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 617 / 1024 page
background image
Section 19 Keyboard Buffer Control Unit (PS2)
Rev. 1.00 Apr. 28, 2008 Page 591 of 994
REJ09B0452-0100
19.3.1
Keyboard Control Register 1 (KBCR1)
KBCR1 controls data transmission and interrupt, selects parity, and detects transmit error.
Bit
Bit Name
Initial
Value
R/W
Description
7
KBTS
0
R/W
Transmit Start
Selects start of data transmission or disables
transmission.
0: Data transmission is disabled
[Clearing conditions]
• When 0 is written
• When the KBTE is set to 1
• When the KBIOE is cleared to 0
1: Starts data transmission
[Setting condition]
When 1 is written after reading the KBTS = 0
6
PS
0
R/W
Transmit Parity Selection
Selects even or odd parity.
0: Selects odd parity
1: Selects even parity
5
KCIE
0
R/W
First KCLK Falling Interrupt Enable
Selects whether an interrupt at the first falling edge of
KCLK is enabled or disabled.
0: Disables first KCLK falling interrupt
1: Enables first KCLK falling interrupt
4
KTIE
0
R/W
Transmit Completion Interrupt Enable
Selects whether a transmit completion interrupt is
enabled or disabled.
0: Disables transmit completion interrupt
1: Enables transmit completion interrupt
3
0
Reserved
The initial value should not be changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com