công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 556 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 556 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 552Page - Renesas Technology Corp H8S/2117R Datasheet HTML 553Page - Renesas Technology Corp H8S/2117R Datasheet HTML 554Page - Renesas Technology Corp H8S/2117R Datasheet HTML 555Page - Renesas Technology Corp H8S/2117R Datasheet HTML 556Page - Renesas Technology Corp H8S/2117R Datasheet HTML 557Page - Renesas Technology Corp H8S/2117R Datasheet HTML 558Page - Renesas Technology Corp H8S/2117R Datasheet HTML 559Page - Renesas Technology Corp H8S/2117R Datasheet HTML 560Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 556 / 1024 page
background image
Section 18 I
2C Bus Interface (IIC)
Rev. 1.00 Apr. 28, 2008 Page 530 of 994
REJ09B0452-0100
• Selection of 16 internal clocks (in master mode)
• Direct bus drive (SCL/SDA pin)
 Ten pins—P52/SCL0, P97/SDA0, P86/SCL1, P42/SDA1, PG2/SDA2, PG3/SCL2,
PG4/ExSDAA, PG5/ExSCLA, PG6/ExSDAB, and PG7/ExSCLB —(normally NMOS
push-pull outputs) function as NMOS open-drain outputs when the bus drive function is
selected.
Note:
When using this IIC module, make sure to set bits HNDS, FNC1, and FNC0 in ICXR to 1
in the initial settings. If other settings are made, restrictions on operation that are not
covered in this manual will apply.
Figure 18.1 shows a block diagram of the I
2C bus interface. Figure 18.2 shows an example of I/O
pin connections to external circuits. Since I
2C bus interface I/O pins are different in structure from
normal port pins, they have different specifications for permissible applied voltages. For details,
see section 28, Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com