công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2117R bảng dữ liệu(PDF) 554 Page - Renesas Technology Corp

tên linh kiện H8S/2117R
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1024 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2117R bảng dữ liệu(HTML) 554 Page - Renesas Technology Corp

Back Button H8S/2117R Datasheet HTML 550Page - Renesas Technology Corp H8S/2117R Datasheet HTML 551Page - Renesas Technology Corp H8S/2117R Datasheet HTML 552Page - Renesas Technology Corp H8S/2117R Datasheet HTML 553Page - Renesas Technology Corp H8S/2117R Datasheet HTML 554Page - Renesas Technology Corp H8S/2117R Datasheet HTML 555Page - Renesas Technology Corp H8S/2117R Datasheet HTML 556Page - Renesas Technology Corp H8S/2117R Datasheet HTML 557Page - Renesas Technology Corp H8S/2117R Datasheet HTML 558Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 554 / 1024 page
background image
Section 17 Serial Communication Interface with FIFO (SCIF)
Rev. 1.00 Apr. 28, 2008 Page 528 of 994
REJ09B0452-0100
17.5
Interrupt Sources
Table 17.9 lists the interrupt sources. A common interrupt vector is assigned to each interrupt
source.
When the LPC uses the SCIF, the LPC does not request any interrupts to be sent to the H8S CPU.
The SERIRQ signal of the LPC interface transmits an interrupt request to the host.
Table 17.9
Interrupt Sources
Interrupt Name
Interrupt Source
Priority
Receive line status
Overrun error, parity error, framing error, break interrupt
Receive data ready
Acceptance of receive data, FIFO trigger level
Character timeout
(when FIFO is enabled)
No data is input to or output from the receive FIFO for the 4-
character time period while one or more characters remain in
the receive FIFO.
FTHR empty
FTHR empty
Modem status
CTS, DSR, RI, DCD
High
Low
Table 17.10 shows the interrupt source, vector address, and interrupt priority.
Table 17.10 Interrupt Source, Vector Address, and Interrupt Priority
Interrupt
Origin of Interrupt Source
Interrupt Name
Vector
Number
Vector
Address
ICR
SCIF
SCIF (SCIF interrupt)
82
H'000148
ICRC7
17.6
Usage Note
17.6.1
Power-Down Mode When LCLK is Selected for SCLK
To switch to watch mode or software standby mode when LCLK divided by 18 has been selected
for SCLK, use the shutdown function of the LPC interface to stop LCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com