công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HD64F2138 bảng dữ liệu(PDF) 49 Page - Renesas Technology Corp

tên linh kiện HD64F2138
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1061 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2138 bảng dữ liệu(HTML) 49 Page - Renesas Technology Corp

Back Button HD64F2138 Datasheet HTML 45Page - Renesas Technology Corp HD64F2138 Datasheet HTML 46Page - Renesas Technology Corp HD64F2138 Datasheet HTML 47Page - Renesas Technology Corp HD64F2138 Datasheet HTML 48Page - Renesas Technology Corp HD64F2138 Datasheet HTML 49Page - Renesas Technology Corp HD64F2138 Datasheet HTML 50Page - Renesas Technology Corp HD64F2138 Datasheet HTML 51Page - Renesas Technology Corp HD64F2138 Datasheet HTML 52Page - Renesas Technology Corp HD64F2138 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 1061 page
background image
Rev. 4.00 Jun 06, 2006 page xlix of liv
Table 13.9
Meaning of HSYNCO Output in Each Mode......................................................... 367
Table 13.10 Meaning of VSYNCO Output in Each Mode......................................................... 368
Section 14 Watchdog Timer (WDT)
Table 14.1
WDT Pin ................................................................................................................ 374
Table 14.2
WDT Registers ....................................................................................................... 374
Section 15 Serial Communication Interface (SCI, IrDA)
Table 15.1
SCI Pins.................................................................................................................. 390
Table 15.2
SCI Registers.......................................................................................................... 391
Table 15.3
BRR Settings for Various Bit Rates (Asynchronous Mode) .................................. 406
Table 15.4
BRR Settings for Various Bit Rates (Synchronous Mode) .................................... 409
Table 15.5
Maximum Bit Rate for Each Frequency (Asynchronous Mode)............................ 411
Table 15.6
Maximum Bit Rate with External Clock Input (Asynchronous Mode).................. 412
Table 15.7
Maximum Bit Rate with External Clock Input (Synchronous Mode) .................... 413
Table 15.8
SMR Settings and Serial Transfer Format Selection .............................................. 418
Table 15.9
SMR and SCR Settings and SCI Clock Source Selection ...................................... 418
Table 15.10 Serial Transfer Formats (Asynchronous Mode) ..................................................... 420
Table 15.11 Receive Errors and Conditions for Occurrence ...................................................... 429
Table 15.12 Bit IrCKS2 to IrCKS0 Settings .............................................................................. 449
Table 15.13 SCI Interrupt Sources ............................................................................................. 450
Table 15.14 State of SSR Status Flags and Transfer of Receive Data ...................................... 451
Section 16 I
2C Bus Interface [H8S/2138 Group Option]
Table 16.1
I
2C Bus Interface Pins............................................................................................. 458
Table 16.2
Register Configuration ........................................................................................... 459
Table 16.3
Flags and Transfer States ....................................................................................... 474
Table 16.4
I
2C Bus Data Format Symbols................................................................................ 487
Table 16.5
Examples of Operation Using the DTC.................................................................. 499
Table 16.6
I
2C Bus Timing (SCL and SDA Output) ................................................................ 507
Table 16.7
Permissible SCL Rise Time (t
Sr) Values ................................................................. 508
Table 16.8
I
2C Bus Timing (with Maximum Influence of t
Sr/tSf)............................................... 509
Section 17 Host Interface [H8S/2138 Group]
Table 17.1
Host Interface Input/Output Pins........................................................................... 525
Table 17.2
Host Interface Registers ......................................................................................... 526
Table 17.3
Set/Clear Timing for STR1 Flags........................................................................... 532
Table 17.4
Set/Clear Timing for STR2 Flags........................................................................... 535
Table 17.5
Host Interface Channel Selection and Pin Operation ............................................. 536
Table 17.6
Host Interface Operation ........................................................................................ 537
Table 17.7
GA20 (P81) Set/Clear Timing................................................................................ 538



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More