| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD6432351 bảng dữ liệu(PDF) 958 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432351 bảng dữ liệu(HTML) 958 Page - Renesas Technology Corp |
|
958 / 1025 page ![]() Appendix B Internal I/O Register Rev. 3.00 Sep 15, 2006 page 924 of 988 REJ09B0330-0300 TIOR1—Timer I/O Control Register 1 H'FFE2 TPU1 7 IOB3 0 R/W 6 IOB2 0 R/W 5 IOB1 0 R/W 4 IOB0 0 R/W 3 IOA3 0 R/W 0 IOA0 0 R/W 2 IOA2 0 R/W 1 IOA1 0 R/W 0 1 TGR1B I/O Control 0 1 0 1 0 1 0 1 0 1 * 0 1 0 1 0 1 0 1 0 1 * * TGR1A I/O Control Legend: *: Don’t care 0 1 0 1 0 1 0 1 0 1 0 1 * 0 1 0 1 0 1 0 1 0 1 * * Bit Initial value Read/Write : : : TGR1A is output compare register Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match 0 output at compare match 1 output at compare match Toggle output at compare match Input capture at rising edge Input capture at falling edge Input capture at both edges Initial output is 0 output TGR1A is input capture register Output disabled Initial output is 1 output Capture input source is TIOCA1 pin Capture input source is TGR0A compare match/ input capture Input capture at generation of channel 0/TGR0A compare match/ input capture TGR1B is output compare register Output disabled 0 output at compare match 1 output at compare match Toggle output at compare match 0 output at compare match 1 output at compare match Toggle output at compare match Input capture at rising edge Input capture at falling edge Input capture at both edges Initial output is 0 output TGR1B is input capture register Output disabled Initial output is 1 output Capture input source is TIOCB1 pin Capture input source is TGR0B compare match/ input capture Input capture at generation of TGR0B compare match/input capture Legend: *: Don’t care |