| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD6432351 bảng dữ liệu(PDF) 915 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432351 bảng dữ liệu(HTML) 915 Page - Renesas Technology Corp |
|
915 / 1025 page ![]() Appendix B Internal I/O Register Rev. 3.00 Sep 15, 2006 page 881 of 988 REJ09B0330-0300 PORTA—Port A Register H'FF59 Port A 7 PA7 —* R 6 PA6 —* R 5 PA5 —* R 4 PA4 —* R 3 PA3 —* R 0 PA0 —* R 2 PA2 —* R 1 PA1 —* R State of port A pins Note: * Determined by the state of pins PA7 to PA0. Bit Initial value Read/Write : : : PORTB—Port B Register H'FF5A Port B [H8S/2351 Only] 7 PB7 —* R 6 PB6 —* R 5 PB5 —* R 4 PB4 —* R 3 PB3 —* R 0 PB0 —* R 2 PB2 —* R 1 PB1 —* R State of port B pins Note: * Determined by the state of pins PB7 to PB0. Bit Initial value Read/Write : : : PORTC—Port C Register H'FF5B Port C [H8S/2351 Only] 7 PC7 —* R 6 PC6 —* R 5 PC5 —* R 4 PC4 —* R 3 PC3 —* R 0 PC0 —* R 2 PC2 —* R 1 PC1 —* R State of port C pins Note: * Determined by the state of pins PC7 to PC0. Bit Initial value Read/Write : : : |