| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD6432351 bảng dữ liệu(PDF) 888 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432351 bảng dữ liệu(HTML) 888 Page - Renesas Technology Corp |
|
888 / 1025 page ![]() Appendix B Internal I/O Register Rev. 3.00 Sep 15, 2006 page 854 of 988 REJ09B0330-0300 MAR1BH—Memory Address Register 1BH H'FEF8 DMAC MAR1BL—Memory Address Register 1BL H'FEFA DMAC 16 * R/W 18 * R/W 17 * R/W 19 * R/W 21 * R/W 22 * R/W 23 * R/W 24 — 0 — 25 — 0 — 26 — 0 — 27 — 0 — 28 — 0 — 29 — 0 — 30 — 0 — 31 — 0 — 0 * R/W 2 * R/W 1 * R/W 3 * R/W 4 * R/W 5 * R/W 6 * R/W 7 * R/W 8 * R/W 9 * R/W 10 * R/W 11 * R/W 12 * R/W 13 * R/W 14 * R/W 15 * R/W 20 * R/W *: Undefined In short address mode: Specifies transfer source/transfer destination address In full address mode: Specifies transfer destination address Bit MAR1BH Initial value Read/Write : : : : Bit MAR1BL Initial value Read/Write : : : : IOAR1B—I/O Address Register 1B H'FEFC DMAC 0 * R/W 2 * R/W 1 * R/W 3 * R/W 4 * R/W 5 * R/W 6 * R/W 7 * R/W 8 * R/W 9 * R/W 10 * R/W 11 * R/W 12 * R/W 13 * R/W 14 * R/W 15 * R/W *: Undefined In short address mode: Specifies transfer source/transfer destination address In full address mode: Not used Bit IOAR1B Initial value Read/Write : : : : |