| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD6432351 bảng dữ liệu(PDF) 848 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432351 bảng dữ liệu(HTML) 848 Page - Renesas Technology Corp |
|
848 / 1025 page ![]() Appendix B Internal I/O Register Rev. 3.00 Sep 15, 2006 page 814 of 988 REJ09B0330-0300 Address (low) Register Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Module Name Data Bus Width H'FFDC TGR0C TPU0 16 bit H'FFDD H'FFDE TGR0D H'FFDF H'FFE0 TCR1 — CCLR1 CCLR0 CKEG1 CKEG0 TPSC2 TPSC1 TPSC0 TPU1 16 bit H'FFE1 TMDR1 — — — — MD3 MD2 MD1 MD0 H'FFE2 TIOR1 IOB3 IOB2 IOB1 IOB0 IOA3 IOA2 IOA1 IOA0 H'FFE4 TIER1 TTGE — TCIEU TCIEV — — TGIEB TGIEA H'FFE5 TSR1 TCFD — TCFU TCFV — — TGFB TGFA H'FFE6 TCNT1 H'FFE7 H'FFE8 TGR1A H'FFE9 H'FFEA TGR1B H'FFEB H'FFF0 TCR2 — CCLR1 CCLR0 CKEG1 CKEG0 TPSC2 TPSC1 TPSC0 TPU2 16 bit H'FFF1 TMDR2 — — — — MD3 MD2 MD1 MD0 H'FFF2 TIOR2 IOB3 IOB2 IOB1 IOB0 IOA3 IOA2 IOA1 IOA0 H'FFF4 TIER2 TTGE — TCIEU TCIEV — — TGIEB TGIEA H'FFF5 TSR2 TCFD — TCFU TCFV — — TGFB TGFA H'FFF6 TCNT2 H'FFF7 H'FFF8 TGR2A H'FFF9 H'FFFA TGR2B H'FFFB Notes: 1. Located in on-chip RAM. The bus width is 32 bits when the DTC accesses this area as register information, and 16 bits otherwise. 2. Only applies to the H8S/2351. 3. If the pulse output group 2 and pulse output group 3 output triggers are the same according to the PCR setting, the NDRH address will be H'FF4C, and if different, the address of NDRH for group 2 will be H'FF4E, and that for group 3 will be H'FF4C. Similarly, if the pulse output group 0 and pulse output group 1 output triggers are the same according to the PCR setting, the NDRL address will be H'FF4D, and if different, the address of NDRL for group 0 will be H'FF4F, and that for group 1 will be H'FF4D. 4. Functions as C/ A for SCI use, and as GM for smart card interface use. 5. Functions as FER for SCI use, and as ERS for smart card interface use. |