| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD6432351 bảng dữ liệu(PDF) 838 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432351 bảng dữ liệu(HTML) 838 Page - Renesas Technology Corp |
|
838 / 1025 page ![]() Appendix A Instruction Set Rev. 3.00 Sep 15, 2006 page 804 of 988 REJ09B0330-0300 Instruction H N Z V C Definition MOV — 0 — N = Rm Z = Rm · Rm–1 · ...... · R0 MOVFPE Can not be used in the H8S/2350 Group MOVTPE MULXS — — — N = R2m Z = R2m · R2m–1 · ...... · R0 MULXU — — — — — NEG H = Dm–4 + Rm–4 N = Rm Z = Rm · Rm–1 · ...... · R0 V = Dm · Rm C = Dm + Rm NOP — — — — — NOT — 0 — N = Rm Z = Rm · Rm–1 · ...... · R0 OR — 0 — N = Rm Z = Rm · Rm–1 · ...... · R0 ORC Stores the corresponding bits of the result. No flags change when the operand is EXR. POP — 0 — N = Rm Z = Rm · Rm–1 · ...... · R0 PUSH — 0 — N = Rm Z = Rm · Rm–1 · ...... · R0 ROTL — 0 N = Rm Z = Rm · Rm–1 · ...... · R0 C = Dm (1-bit shift) or C = Dm–1 (2-bit shift) ROTR — 0 N = Rm Z = Rm · Rm–1 · ...... · R0 C = D0 (1-bit shift) or C = D1 (2-bit shift) ROTXL — 0 N = Rm Z = Rm · Rm–1 · ...... · R0 C = Dm (1-bit shift) or C = Dm–1 (2-bit shift) |