công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 192 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 192 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 188Page - Renesas Technology Corp H8S/2112 Datasheet HTML 189Page - Renesas Technology Corp H8S/2112 Datasheet HTML 190Page - Renesas Technology Corp H8S/2112 Datasheet HTML 191Page - Renesas Technology Corp H8S/2112 Datasheet HTML 192Page - Renesas Technology Corp H8S/2112 Datasheet HTML 193Page - Renesas Technology Corp H8S/2112 Datasheet HTML 194Page - Renesas Technology Corp H8S/2112 Datasheet HTML 195Page - Renesas Technology Corp H8S/2112 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 894 page
background image
Section 8 I/O Ports
Rev. 1.00 Mar. 18, 2008 Page 168 of 866
REJ09B0451-0100
(4)
P44/TMO1/PWMU2B/TCMCYI2
The pin function is switched as shown below according to the combination of the OS3 to OS0 bits
in TCR of TMR_1, the PWM2E bit in PWMOUTCR of PWMU_B, and the P44DDR bit. When
the TCMIPE bit in TCMIER_2 of TCM_2 is set to 1, the pin functions as the TCMCY2 input pin.
OS3 to OS0
All 0
Any of them is 1
P44DDR
0
1
PWM2E
0
1
P44 input pin
P44 output pin
PWMU2B
output pin
TM01 output pin
Pin function
TCMCYI2 input pin
(5)
P43/TMI1/TCMCKI1/TCMMCI1
The pin function is switched as shown below according to the P43DDR bit. TMRI1 and TMCI1
are multiplexed as the TMI1 input pin. When the CCLR1 and CCLR0 bits in TCR of TMR_1 are
set to 1, the pin functions as the TMI1 (TMRI1) input pin. When an external clock is selected by
the CKS2 to CKS0 bits in TCR of TMR_1, the pin functions as the TMI1 (TMCI1) input pin.
When an external clock is selected by the CKS2 to CKS0 bits in TCMCR of TCM_1, the pin
functions as the TCMCKI1 input pin. When the CMMS bit in TCMIER of TCM_1 is set to 1, the
pin functions as the TCMMCI1 input pin.
P43DDR
0
1
P43 input pin
P43 output pin
Pin function
TMI1 input pin/TCMCKI1 input pin/TCMMCI1 input pin
(6)
P42/TCMCYI1
The pin function is switched as shown below according to the P42DDR bit. When the TCMIPE bit
in TCMIER_1 of TCM_1 is set to 1, the pin functions as the TCMCYI1 input pin.
P42DDR
0
1
P42 input pin
P42 output pin
Pin function
TCMCYI1 input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com