công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 866 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 866 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 862Page - Renesas Technology Corp H8S/2112 Datasheet HTML 863Page - Renesas Technology Corp H8S/2112 Datasheet HTML 864Page - Renesas Technology Corp H8S/2112 Datasheet HTML 865Page - Renesas Technology Corp H8S/2112 Datasheet HTML 866Page - Renesas Technology Corp H8S/2112 Datasheet HTML 867Page - Renesas Technology Corp H8S/2112 Datasheet HTML 868Page - Renesas Technology Corp H8S/2112 Datasheet HTML 869Page - Renesas Technology Corp H8S/2112 Datasheet HTML 870Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 866 / 894 page
background image
Section 26 Electrical Characteristics
Rev. 1.00 Mar. 18, 2008 Page 842 of 866
REJ09B0451-0100
26.3.3
Timing of On-Chip Peripheral Modules
Tables 26.7 to 26.9 show the on-chip peripheral module timing. The on-chip peripheral modules
that can be operated by the subclock (
φ = 32.768 kHz) are I/O ports, external interrupts (NMI,
IRQ0 to IRQ15, KIN0 to KIN15, WUE0 to WUE15, and PC2A to PC2B) and watchdog timer
(WDT_1) only.
Table 26.7
Timing of On-Chip Peripheral Modules
Conditions:
V
CC = 3.0 V to 3.6 V, VSS = 0 V, φ = 32.768 kHz*
1,
φ = 8 MHz to maximum
operating frequency
Item
Symbol
Min.
Max.
Unit
Test
Conditions
Output data delay time*
2
t
PWD
50
Input data setup time
t
PRS
30
I/O ports
Input data hold time
t
PRH
30
ns
Figure 26.9
Timer output delay time
t
TOCD
50
Timer input setup time
t
TICS
30
Figure 26.10
Timer clock input setup time
t
TCKS
30
ns
Single edge
t
TCKWH
1.5
TPU
Timer clock
pulse width
Both edges
t
TCKWL
2.5
t
cyc
Figure 26.11
Timer output delay time
t
TMOD
50
Figure 26.12
Timer reset input setup time
t
TMRS
30
Figure 26.14
Timer clock input setup time
t
TMCS
30
ns
Single edge
t
TMCWH
1.5
TMR
Timer clock
pulse width
Both edges
t
TMCWL
2.5
t
cyc
Figure 26.13
TCM input setup time
t
TCMS
30
Figure 26.15
TCM clock input setup time
t
TCMCKS
30
ns
TCM
TCM clock pulse width
t
TCMCKW
1.5
t
cyc
Figure 26.16
PWMU
Pulse output delay time
t
PWOD
50
ns
Figure 26.17
Asynchronous
t
Scyc
4
Input clock cycle
Synchronous
6
t
cyc
SCI
Input clock pulse width
t
SCKW
0.4
0.6
t
Scyc
Figure 26.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com