công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 692 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 692 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 688Page - Renesas Technology Corp H8S/2112 Datasheet HTML 689Page - Renesas Technology Corp H8S/2112 Datasheet HTML 690Page - Renesas Technology Corp H8S/2112 Datasheet HTML 691Page - Renesas Technology Corp H8S/2112 Datasheet HTML 692Page - Renesas Technology Corp H8S/2112 Datasheet HTML 693Page - Renesas Technology Corp H8S/2112 Datasheet HTML 694Page - Renesas Technology Corp H8S/2112 Datasheet HTML 695Page - Renesas Technology Corp H8S/2112 Datasheet HTML 696Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 668 of 866
REJ09B0451-0100
22.8
On-Board Programming Mode
When the mode pins (MD1, and MD2) are set to on-board programming mode and the reset start
is executed, a transition is made to on-board programming mode in which the on-chip flash
memory can be programmed/erased. On-board programming mode has three operating modes:
boot mode, user boot mode, and user program mode.
Table 22.7 shows the pin setting for each operating mode. For details on the state transition of
each operating mode for flash memory, see figure 22.2.
Table 22.7
On-Board Programming Mode Setting
Mode Setting
MD2
MD1
NMI
Boot mode
1
0
1
User program mode
0
1
0/1
User boot mode
1
0
0
22.8.1
Boot Mode
Boot mode executes programming/erasing of the user MAT and the user boot MAT by means of
the control command and program data transmitted from the externally connected host via the on-
chip SCI_1.
In boot mode, the tool for transmitting the control command and program data, and the program
data must be prepared in the host. The serial communication mode is set to asynchronous mode.
The system configuration in boot mode is shown in figure 22.6. Interrupts are ignored in boot
mode. Configure the user system so that interrupts do not occur.
RxD1
TxD1
Software for
analyzing
control
commands
(on-chip)
Flash
memory
On-chip
RAM
SCI_1
This LSI
Host
Programming
tool and program
data
Control command,
program data
Response
Figure 22.6 System Configuration in Boot Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com