công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 690 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 690 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 686Page - Renesas Technology Corp H8S/2112 Datasheet HTML 687Page - Renesas Technology Corp H8S/2112 Datasheet HTML 688Page - Renesas Technology Corp H8S/2112 Datasheet HTML 689Page - Renesas Technology Corp H8S/2112 Datasheet HTML 690Page - Renesas Technology Corp H8S/2112 Datasheet HTML 691Page - Renesas Technology Corp H8S/2112 Datasheet HTML 692Page - Renesas Technology Corp H8S/2112 Datasheet HTML 693Page - Renesas Technology Corp H8S/2112 Datasheet HTML 694Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 690 / 894 page
background image
Section 22 Flash Memory
Rev. 1.00 Mar. 18, 2008 Page 666 of 866
REJ09B0451-0100
(4)
Flash Multipurpose Address Area Parameter (FMPAR: General Register ER1 of CPU)
FMPAR stores the start address of the programming destination on the user MAT.
When an address in an area other than the flash memory is set, or the start address of the
programming destination is not aligned with the 128-byte boundary, an error occurs. The error
occurrence is indicated by the WA bit in FPFR.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
MOA31 to
MOA0
R/W
These bits store the start address of the programming
destination on the user MAT. Consecutive 128-byte
programming is executed starting from the specified
start address of the user MAT. Therefore, the specified
start address of the programming destination becomes a
128-byte boundary, and MOA6 to MOA0 are always
cleared to 0.
(5)
Flash Multipurpose Data Destination Parameter (FMPDR: General Register ER0 of
CPU)
FMPDR stores the start address in the area which stores the data to be programmed in the user
MAT.
When the storage destination for the program data is in flash memory, an error occurs. The error
occurrence is indicated by the WD bit in FPFR.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
MOD31 to
MOD0
R/W
These bits store the start address of the area which
stores the program data for the user MAT. Consecutive
128-byte data is programmed to the user MAT starting
from the specified start address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com