công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 626 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 626 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 622Page - Renesas Technology Corp H8S/2112 Datasheet HTML 623Page - Renesas Technology Corp H8S/2112 Datasheet HTML 624Page - Renesas Technology Corp H8S/2112 Datasheet HTML 625Page - Renesas Technology Corp H8S/2112 Datasheet HTML 626Page - Renesas Technology Corp H8S/2112 Datasheet HTML 627Page - Renesas Technology Corp H8S/2112 Datasheet HTML 628Page - Renesas Technology Corp H8S/2112 Datasheet HTML 629Page - Renesas Technology Corp H8S/2112 Datasheet HTML 630Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 626 / 894 page
background image
Section 19 LPC Interface (LPC)
Rev. 1.00 Mar. 18, 2008 Page 602 of 866
REJ09B0451-0100
In an I/O read cycle or I/O write cycle, transfer is carried out using LAD3 to LAD0 in the
following order, in synchronization with LCLK. The host can be made to wait by sending back a
value other than B'0000 in the slave's synchronization return cycle, but with the LPC of this LSI a
value of B'0000 always returns.
If the received address matches the host address in an LPC register (IDR, ODR, STR, and TWR),
the LPC interface enters the busy state; it returns to the idle state by output of a state count 12
turnaround. Register and flag changes are made at this timing, so in the event of a transfer cycle
forced termination (abort), registers and flags are not changed.
The timing of the
LFRAME, LCLK, and LAD signals is shown in figures 19.2 and 19.3.
Table 19.3
LPC I/O Cycle
I/O Read Cycle
I/O Write Cycle
State
Count
Contents
Drive
Source
Value
(3 to 0)
Contents
Drive
Source
Value
(3 to 0)
1
Start
Host
0000
Start
Host
0000
2
Cycle type/direction
Host
0000
Cycle type/direction
Host
0010
3
Address 1
Host
Bits 15 to 12
Address 1
Host
Bits 15 to 12
4
Address 2
Host
Bits 11 to 8
Address 2
Host
Bits 11 to 8
5
Address 3
Host
Bits 7 to 4
Address 3
Host
Bits 7 to 4
6
Address 4
Host
Bits 3 to 0
Address 4
Host
Bits 3 to 0
7
Turnaround (recovery)
Host
1111
Data 1
Host
Bits 3 to 0
8
Turnaround
None
ZZZZ
Data 2
Host
Bits 7 to 4
9
Synchronization
Slave
0000
Turnaround (recovery)
Host
1111
10
Data 1
Slave
Bits 3 to 0
Turnaround
None
ZZZZ
11
Data 2
Slave
Bits 7 to 4
Synchronization
Slave
0000
12
Turnaround (recovery)
Slave
1111
Turnaround (recovery)
Slave
1111
13
Turnaround
None
ZZZZ
Turnaround
None
ZZZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com