công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 614 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 614 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 610Page - Renesas Technology Corp H8S/2112 Datasheet HTML 611Page - Renesas Technology Corp H8S/2112 Datasheet HTML 612Page - Renesas Technology Corp H8S/2112 Datasheet HTML 613Page - Renesas Technology Corp H8S/2112 Datasheet HTML 614Page - Renesas Technology Corp H8S/2112 Datasheet HTML 615Page - Renesas Technology Corp H8S/2112 Datasheet HTML 616Page - Renesas Technology Corp H8S/2112 Datasheet HTML 617Page - Renesas Technology Corp H8S/2112 Datasheet HTML 618Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 894 page
background image
Section 19 LPC Interface (LPC)
Rev. 1.00 Mar. 18, 2008 Page 590 of 866
REJ09B0451-0100
19.3.14
SERIRQ Control Register 1 (SIRQCR1)
SIRQCR1 contains status bits that indicate the SERIRQ operating mode and bits that specify
SERIRQ interrupt sources.
R/W
Bit
Bit Name Initial Value Slave Host Description
7
IRQ11E3 0
R/W
Host IRQ11 Interrupt Enable 3
Enables or disables an HIRQ11 interrupt request
when OBF3A is set by an ODR3 write.
0: HIRQ11 interrupt request by OBF3A and
IRQE11E3 is disabled.
[Clearing conditions]
• Writing 0 to IRQ11E3
• LPC hardware reset, LPC software reset
• Clearing OBF3A to 0 (when IEDIR3 = 0)
1: [When IEDIR3 = 0]
HIRQ11 interrupt request by setting OBF3A to 1
is enabled.
[When IEDIR3 = 1]
HIRQ11 interrupt is requested.
[Setting condition]
Writing 1 after reading IRQ11E3 = 0
6
IRQ10E3 0
R/W
Host IRQ10 Interrupt Enable 3
Enables or disables an HIRQ10 interrupt request
when OBF3A is set by an ODR3 write.
0: HIRQ10 interrupt request by OBF3A and
IRQE10E3 is disabled.
[Clearing conditions]
• Writing 0 to IRQ10E3
• LPC hardware reset, LPC software reset
• Clearing OBF3A to 0 (when IEDIR3 = 0)
1: [When IEDIR3 = 0]
HIRQ10 interrupt request by setting OBF3A to 1
is enabled.
[When IEDIR3 = 1]
HIRQ10 interrupt is requested.
[Setting condition]
Writing 1 after reading IRQ10E3 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com