công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2112 bảng dữ liệu(PDF) 612 Page - Renesas Technology Corp

tên linh kiện H8S/2112
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  894 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2112 bảng dữ liệu(HTML) 612 Page - Renesas Technology Corp

Back Button H8S/2112 Datasheet HTML 608Page - Renesas Technology Corp H8S/2112 Datasheet HTML 609Page - Renesas Technology Corp H8S/2112 Datasheet HTML 610Page - Renesas Technology Corp H8S/2112 Datasheet HTML 611Page - Renesas Technology Corp H8S/2112 Datasheet HTML 612Page - Renesas Technology Corp H8S/2112 Datasheet HTML 613Page - Renesas Technology Corp H8S/2112 Datasheet HTML 614Page - Renesas Technology Corp H8S/2112 Datasheet HTML 615Page - Renesas Technology Corp H8S/2112 Datasheet HTML 616Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 612 / 894 page
background image
Section 19 LPC Interface (LPC)
Rev. 1.00 Mar. 18, 2008 Page 588 of 866
REJ09B0451-0100
R/W
Bit
Bit Name Initial Value Slave Host Description
2
SMIE2
0
R/W
Host SMI Interrupt Enable 2
Enables or disables an SMI interrupt request when
OBF2 is set by an ODR2 write.
0: Host SMI interrupt request by OBF2 and SMIE2 is
disabled.
[Clearing conditions]
• Writing 0 to SMIE2
• LPC hardware reset, LPC software reset
• Clearing OBF2 to 0 (when IEDIR2 = 0)
1: [When IEDIR2 = 0]
Host SMI interrupt request by setting OBF2 to 1 is
enabled.
[When IEDIR2 = 1]
Host SMI interrupt is requested.
[Setting condition]
Writing 1 after reading SMIE2 = 0
1
IRQ12E1 0
R/W
Host IRQ12 Interrupt Enable 1
Enables or disables an HIRQ12 interrupt request
when OBF1 is set by an ODR1 write.
0: HIRQ12 interrupt request by OBF1 and IRQ12E1
is disabled.
[Clearing conditions]
• Writing 0 to IRQ12E1
• LPC hardware reset, LPC software reset
• Clearing OBF1 to 0
1: HIRQ12 interrupt request by setting OBF1 to 1 is
enabled.
[Setting condition]
Writing 1 after reading IRQ12E1 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com