| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8SX/1657 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8SX/1657 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 892 page ![]() Rev. 2.00 Jun. 28, 2007 Page xxi of xxiv 14.7.8 Clock Output Control............................................................................................ 616 14.8 Interrupt Sources................................................................................................................ 618 14.8.1 Interrupts in Normal Serial Communication Interface Mode ............................... 618 14.8.2 Interrupts in Smart Card Interface Mode .............................................................. 619 14.9 Usage Notes ....................................................................................................................... 620 14.9.1 Module Stop State Setting .................................................................................... 620 14.9.2 Break Detection and Processing ........................................................................... 620 14.9.3 Mark State and Break Detection ........................................................................... 620 14.9.4 Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only) ..................................................................... 620 14.9.5 Relation between Writing to TDR and TDRE Flag .............................................. 621 14.9.6 Restrictions on Using DMAC or DTC.................................................................. 621 14.9.7 Operations in Power-Down State.......................................................................... 622 Section 15 A/D Converter..................................................................................625 15.1 Features.............................................................................................................................. 625 15.2 Input/Output Pins ...............................................................................................................627 15.3 Register Descriptions ......................................................................................................... 627 15.3.1 A/D Data Registers A to H (ADDRA to ADDRH) .............................................. 628 15.3.2 A/D Control/Status Register (ADCSR) ................................................................ 629 15.3.3 A/D Control Register (ADCR) ............................................................................. 631 15.4 Operation ........................................................................................................................... 632 15.4.1 Single Mode.......................................................................................................... 632 15.4.2 Scan Mode ............................................................................................................ 633 15.4.3 Input Sampling and A/D Conversion Time .......................................................... 635 15.4.4 External Trigger Input Timing.............................................................................. 636 15.5 Interrupt Source ................................................................................................................. 637 15.6 A/D Conversion Accuracy Definitions .............................................................................. 637 15.7 Usage Notes ....................................................................................................................... 639 15.7.1 Module Stop State Setting .................................................................................... 639 15.7.2 Permissible Signal Source Impedance .................................................................. 639 15.7.3 Influences on Absolute Accuracy ......................................................................... 640 15.7.4 Setting Range of Analog Power Supply and Other Pins ....................................... 640 15.7.5 Notes on Board Design ......................................................................................... 640 15.7.6 Notes on Noise Countermeasures ......................................................................... 641 15.7.7 A/D Input Hold Function in Software Standby Mode .......................................... 642 Section 16 D/A Converter..................................................................................643 16.1 Features.............................................................................................................................. 643 16.2 Input/Output Pins ...............................................................................................................644 |