công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DG409LDY-T1 bảng dữ liệu(PDF) 3 Page - Vishay Siliconix

tên linh kiện DG409LDY-T1
Giải thích chi tiết về linh kiện  Precision 8-Ch/Dual 4-Ch Low Voltage Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG409LDY-T1 bảng dữ liệu(HTML) 3 Page - Vishay Siliconix

  DG409LDY-T1 Datasheet HTML 1Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 2Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 3Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 4Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 5Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 6Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 7Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 8Page - Vishay Siliconix DG409LDY-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 71342
S-71241–Rev. E, 25-Jun-07
www.vishay.com
3
Vishay Siliconix
DG408L/409L
Notes:
a. Leakage parameters are guaranteed by worst case test condition and not subject to production test.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
d. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
Δr
DS(on) = rDS(on) Max - rDS(on) Min.
h. Worst case isolation occurs on Channel 4 do to proximity to the drain pin.
i. rDS(on) flatness is measured as the difference between the minimum and maximum measured values across a defined Analog signal.
SPECIFICATIONS (SINGLE SUPPLY 12 V)
Parameter
Symbol
Test Conditions
Unless Otherwise Specified
V+ = 12 V, ± 10 %
, V- = 0 V
VEN = 0.8 V or 2.4 V
f
Tempb
Typd
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Minc
Maxc
Minc
Maxc
Analog Switch
Analog Signal Rangee
VANALOG
Full
0
12
0
12
V
Drain-Source On-Resistance
rDS(on)
VD = 10.8 V, VD = 2 V or 9 V, IS = 10 mA
Sequence Each Switch On
Room
Full
17
29
38
29
35
Ω
rDS(on) Matching
Between Channelsg
Δr
DS
VD = 10.8 V, VD = 2 V or 9 V
IS = 10 mA
Room
1
3
3
On-Resistance Flatnessi
rFLAT(on)
Room
3
7
7
Switch Off Leakage Current
IS(off)
VEN = 0 V, VD = 11 V or 1 V
VS = 1 V or 11 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
nA
ID(off)
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Channel On Leakage Current
ID(on)
VS = VD = 1 V or 11 V
Room
Full
- 1
- 15
1
15
- 1
- 10
1
10
Digital Control
Logic High Input Voltage
VINH
Full
2.4
2.4
V
Logic Low Input Voltage
VINL
Full
0.8
0.8
Input Current
IIN
VAX = VEN = 2.4 V or 0.8 V
Full
- 1.5
1.5
- 1
1
µA
Dynamic Characteristics
Transition Time
tTRANS
VS1 = 8 V, VS8 = 0 V, (DG408L)
VS1b = 8 V, VS4b = 0 V, (DG409L)
See Figure 2
Room
Full
30
60
68
60
65
ns
Break-Before-Make Time
tOPEN
VS(all) = VDA = 5 V
See Figure 4
Room
Full
11
1
1
Enable Turn-On Time
tON(EN)
VAX = 0 V, VS1 = 5 V (DG408L)
VAX = 0 V, VS1b = 5 V (DG409L)
See Figure 3
Room
Full
38
55
60
55
60
Enable Turn-Off Time
tOFF(EN)
Room
Full
18
25
35
25
30
Charge Injectione
Q
CL = 1 nF, VGEN = 0 V, RGEN = 0 Ω
Room
1
5
5
pC
Off Isolatione, h
OIRR
f = 100 kHz, RL = 1 kΩ
Room
- 70
dB
Crosstalke
XTALK
Room
- 82
Source Off Capacitancee
CS(off)
f = 1 MHz, VS = 0 V, VEN = 0 V
Room
7
pF
Drain Off Capacitancee
CD(off)
f = 1 MHz, VD = 2.4 V, VEN = 0 V
Room
20
Drain On Capacitancee
CD(on)
f = 1 MHz, VD = 0 V, VEN = 2.4 V
(DG409L only)
Room
31
Power Supplies
Power Supply Range
V+
3
12
3
12
V
Power Supply Current
I+
VEN = VA = 0 V or 5 V
Room
0.2
0.7
0.7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com