công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DG201HS bảng dữ liệu(PDF) 3 Page - Vishay Siliconix

tên linh kiện DG201HS
Giải thích chi tiết về linh kiện  High-Speed Quad SPST CMOS Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201HS bảng dữ liệu(HTML) 3 Page - Vishay Siliconix

  DG201HS_08 Datasheet HTML 1Page - Vishay Siliconix DG201HS_08 Datasheet HTML 2Page - Vishay Siliconix DG201HS_08 Datasheet HTML 3Page - Vishay Siliconix DG201HS_08 Datasheet HTML 4Page - Vishay Siliconix DG201HS_08 Datasheet HTML 5Page - Vishay Siliconix DG201HS_08 Datasheet HTML 6Page - Vishay Siliconix DG201HS_08 Datasheet HTML 7Page - Vishay Siliconix DG201HS_08 Datasheet HTML 8Page - Vishay Siliconix DG201HS_08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 70038
S-71241–Rev. G, 25-Jun-07
www.vishay.com
3
Vishay Siliconix
DG201HS
Notes:
a.Refer to PROCESS OPTION FLOWCHART.
b.Room = 25 °C, Full = as determined by the operating temperature suffix.
c.Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e.Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 15 V, V- = - 15 V
VIN = 3 V, 0.8 V
f
Tempb
Typc
A Suffix
- 55 to 125 °C
D Suffix
- 40 to 85 °C
Unit
Mind
Maxd
Mind
Maxd
Analog Switch
Analog Signal Rangee
VANALOG
Full
V-
V+
V-
V+
V
Drain-Source
On-Resistance
rDS(on)
IS = - 10 mA, VD = ± 8.5 V
V+ = 13.5 V, V- = - 13.5 V
Room
Full
25
50
75
50
75
Ω
rDS(on) Match
Room
3
%
Switch Off Leakage Current
IS(off)
V+ = 16.5 V, V- = - 16.5 V
VD = ± 15.5 V
VS= ± 15.5 V
Room
Full
0.1
- 1
- 60
1
60
- 1
- 20
1
20
nA
ID(off)
Room
Full
0.1
- 1
- 60
1
60
- 1
- 20
1
20
Channel On Leakage
Current
ID(on)
V+ = 16.5 V, V- = - 16.5 V
VS = VD = ± 15.5 V
Room
Full
0.1
- 1
- 60
1
60
- 1
- 20
1
20
Digital Control
Input, High Voltage
VINH
Full
2.4
2.4
V
Input, Low Voltage
VINL
Full
0.8
0.8
Input Capacitance
CIN
Full
5
pF
Input Current
IINH or IINL
VIN under test = 0.8 V, 3 V
Full
- 11- 1
1
µA
Dynamic Characteristics
Turn-On Time
tON
RL = 1 kΩ, CL = 35 pF
VS = ± 10 V, VINH = 3 V
See Figure 2
Room
Full
48
60
75
60
75
ns
Turn-Off Time
tOFF1
Room
Full
30
50
70
50
70
tOFF2
Room
150
Output Settling Time to 0.1 %
ts
Room
180
Charge Injection
Q
CL = 1 nF, VS = 0 V
Vgen = 0 V, Rgen = 0 Ω
Room
- 5
pC
Off Isolation
OIRR
RL = 1 kΩ, CL = 10 pF
f = 100 kHz
Room
85
dB
Crosstalk
(Channel-to-Channel)
XTALK
Any Other Channel Switches
RL = 1 kΩ, CL = 10 pF
f = 100 kHz
Room
100
Source Off Capacitance
CS(off)
VS , VD = 0 V, f = 1 MHz
Room
8
pF
Drain Off Capacitance
CD(off)
Room
8
Channel On Capacitance
CD(on)
Room
30
Drain-to-Source
Capacitance
CDS(off)
Room
0.5
Power Supplies
Positive Supply Current
I+
V+ = 15 V, V- = - 15 V
VIN = 0 or 5 V
Room
Full
4.5
10
10
mA
Negative Supply Current
I-
Room
Full
3.5
- 6
- 6
Power Consumptionc
PC
Full
240
240
mW



Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com