| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7616 bảng dữ liệu(PDF) 98 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7616 bảng dữ liệu(HTML) 98 Page - Renesas Technology Corp |
|
98 / 935 page ![]() Section 2 CPU Rev. 2.00 Mar 09, 2006 page 72 of 906 REJ09B0292-0200 Category Mnemonic 14 13 12 10 9 8 7 6 5 4 3 2 1 0 15 11 0 00 0 1 0 0 1 1 1 0 01 0 1 0 0 1 1 1 0 00 1 1 0 0 1 1 1 0 01 1 1 0 0 1 1 1 0 00 1 1 0 0 1 1 1 0 01 if cc 1 0 * 00 1 0 0 1 1 1 Reserved Reserved Reserved Reserved*2 Reserved (if cc) PSHL Sx, Sy, Dz (if cc) PSHA Sx, Sy, Dz (if cc) PSUB Sx, Sy, Dz (if cc) PADD Sx, Sy, Dz (if cc) PAND Sx, Sy, Dz (if cc) PXOR Sx, Sy, Dz (if cc) POR Sx, Sy, Dz (if cc) PDEC Sx, Dz (if cc) PDEC Sy, Dz (if cc) PINC Sx, Dz (if cc) PINC Sy, Dz (if cc) PCLR Dz (if cc) PDMSB Sx, Dz (if cc) PDMSB Sy, Dz (if cc) PNEG Sx, Dz (if cc) PNEG Sy, Dz (if cc) PCOPY Sx, Dz (if cc) PCOPY Sy, Dz (if cc) PSTS MACH, Dz (if cc) PSTS MACL, Dz (if cc) PLDS Dz, MACL (if cc) PLDS Dz, MACH Conditional three operand instructions 00 if cc 10:DCT 11:DCF 01: Uncon- dition 31–27 25–16 26 1 11 1 0 A field Notes: 1. System reserved code 2. (if cc): DCT (DC bit true), DCF (DC bit false), or none (unconditional instruction) * : Don't care 2.5 Instruction Set The instructions are divided into three groups: CPU instructions executed by the CPU core, DSP data transfer instructions executed by the DSP unit, and DSP operation instructions. There are a number of CPU instructions for supporting the DSP functions. The instruction set is explained below in terms of each of the three groups. |