| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7606 bảng dữ liệu(PDF) 86 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7606 bảng dữ liệu(HTML) 86 Page - Renesas Technology Corp |
|
86 / 532 page ![]() Section 3 Cache Rev. 4.00 Sep. 13, 2007 Page 60 of 502 REJ09B0239-0400 Data-Array Write: Write the longword data specified by the data field, to the position specified by L of the address field, in the entry that corresponds to the entry address and the way specified by the address field. (1) Address array access (a) Address specification Read access Write access (b) Data specification (both read and write accesses) (2) Data array access (both read and write accesses) (a) Address specification 1111 0000 *--------* W Entry address 1111 0000 *--------* W Entry address A 31 30 29 10 4 3 0 LRU 2 X 00 0 X 9 Tag address (28 to 10) U V 1 31 24 23 4 3 0 1111 0001 *--------* W Entry address 1 2 L (b) Data specification 31 0 Longword [Legend] *: Don't care X: 0 for read, don't care for write 0 00 28 * 0 0 31 24 23 4 3 0 1 2 31 24 23 14 13 12 11 14 13 12 11 14 13 12 11 43 0 1 2 * 00 Figure 3.4 Specifying Address and Data for Memory-Mapped Cache Access |