| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2168 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2168 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 874 page ![]() Rev. 3.00, 03/04, page xxi of xl 17.5 Usage Note........................................................................................................................ 594 Section 18 A/D Converter..................................................................................595 18.1 Features............................................................................................................................. 595 18.1.1 Block Diagram..................................................................................................... 596 18.2 Input/Output Pins .............................................................................................................. 597 18.3 Register Descriptions ........................................................................................................ 598 18.3.1 A/D Data Registers A to D (ADDRA to ADDRD) ............................................. 598 18.3.2 A/D Control/Status Register (ADCSR) ............................................................... 599 18.3.3 A/D Control Register (ADCR) ............................................................................ 600 18.4 Operation .......................................................................................................................... 601 18.4.1 Single Mode......................................................................................................... 601 18.4.2 Scan Mode ........................................................................................................... 601 18.4.3 Input Sampling and A/D Conversion Time ......................................................... 602 18.4.4 External Trigger Input Timing............................................................................. 603 18.5 Interrupt Source ................................................................................................................604 18.6 A/D Conversion Accuracy Definitions ............................................................................. 604 18.7 Usage Notes ...................................................................................................................... 606 18.7.1 Permissible Signal Source Impedance ................................................................. 606 18.7.2 Influences on Absolute Accuracy ........................................................................ 606 18.7.3 Setting Range of Analog Power Supply and Other Pins ...................................... 607 18.7.4 Notes on Board Design ........................................................................................ 607 18.7.5 Notes on Noise Countermeasures ........................................................................ 607 Section 19 RAM ................................................................................................609 Section 20 Flash Memory (0.18- µm F-ZTAT Version) ....................................611 20.1 Features............................................................................................................................. 611 20.1.1 Operating Mode ................................................................................................... 613 20.1.2 Mode Comparison................................................................................................ 614 20.1.3 Flash Memory MAT Configuration ..................................................................... 615 20.1.4 Block Division ..................................................................................................... 616 20.1.5 Programming/Erasing Interface ........................................................................... 618 20.2 Input/Output Pins .............................................................................................................. 620 20.3 Register Descriptions ........................................................................................................ 620 20.3.1 Programming/Erasing Interface Register............................................................. 621 20.3.2 Programming/Erasing Interface Parameter .......................................................... 628 20.4 On-Board Programming Mode ......................................................................................... 638 20.4.1 Boot Mode ........................................................................................................... 638 20.4.2 User Program Mode............................................................................................. 642 20.4.3 User Boot Mode................................................................................................... 652 20.4.4 Procedure Program and Storable Area for Programming Data ............................ 655 20.5 Protection .......................................................................................................................... 665 |