| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HD64F2145B bảng dữ liệu(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2145B bảng dữ liệu(HTML) 7 Page - Renesas Technology Corp |
|
7 / 845 page ![]() Rev. 3.00 Mar 21, 2006 page vii of liv Main Revisions for This Edition Item Page Revision (See Manual for Details) All — • Notification of change in company name amended (Before) Hitachi, Ltd. → (After) Renesas Technology Corp. • Product naming convention amended (Before) H8S/2140B Series → (After) H8S/2140B Group 1.1 Features 1 • Various peripheral functions Note * added Host Interface LPC interface * Note: * The LPC function is not supported by H8S/2148B and H8S/2145B (5-V version). • On-chip memory Table amended ROM Model ROM RAM Remarks F-ZTAT Version HD64F2161BV* 128 kbytes 4 kbytes HD64F2160BV* 64 kbytes 4 kbytes HD64F2141BV* 128 kbytes 4 kbytes HD64F2140BV* 64 kbytes 4 kbytes HD64F2145BV* 256 kbytes 8 kbytes Under development HD64F2145B 256 kbytes 8 kbytes HD64F2148BV* 128 kbytes 4 kbytes HD64F2148B 128 kbytes 4 kbytes 2 • Compact package Table amended (Before) 18.0 × 18.0 mm → (After) 16.0 × 16.0 mm (Before) 16.0 × 16.0 mm → (After) 14.0 × 14.0 mm 1.2 Block Diagram Figure 1.1 Internal Block Diagram of H8S/2140B, H8S/2141B, H8S/2145B, and H8S/2148B 3 Note amended Note: * The LPC function and the WUE pin function are not supported by the H8S/2148B and H8S/2145B (5-V version). Figure 1.2 Internal Block Diagram of H8S/2160B and H8S/2161B 4 Figure 1.2 amended (Before) ROM (Flash memory, Masked ROM) → (After) ROM (Flash memory) |