công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F211B2NP bảng dữ liệu(PDF) 90 Page - Renesas Technology Corp

tên linh kiện R5F211B2NP
Giải thích chi tiết về linh kiện  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER R8C FAMILY / R8C/1x SERIES
PDF  339 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F211B2NP bảng dữ liệu(HTML) 90 Page - Renesas Technology Corp

Back Button R5F211B2NP Datasheet HTML 86Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 87Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 88Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 89Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 90Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 91Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 92Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 93Page - Renesas Technology Corp R5F211B2NP Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 339 page
background image
R8C/1A Group, R8C/1B Group
10. Clock Generation Circuit
Rev.1.30
Dec 08, 2006
Page 74 of 315
REJ09B0252-0130
10.5
Oscillation Stop Detection Function
The oscillation stop detection function detects the stop of the main clock oscillating circuit. The oscillation stop
detection function can be enabled and disabled by bits OCD1 to OCD0 in the OCD register.
Table 10.5 lists the Specifications of Oscillation Stop Detection Function.
When the main clock is the CPU clock source and bits OCD1 to OCD0 are set to 11b (oscillation stop detection
function enabled), the system is placed in the following state if the main clock stops.
• OCD2 bit in OCD register = 1 (on-chip oscillator clock selected)
• OCD3 bit in OCD register = 1 (main clock stops)
• CM14 bit in CM1 register = 0 (low-speed on-chip oscillator oscillates)
• Oscillation stop detection interrupt request is generated.
10.5.1
How to Use Oscillation Stop Detection Function
• The oscillation stop detection interrupt shares a vector with the voltage monitor 2 interrupt, and the
watchdog timer interrupt. When using the oscillation stop detection interrupt and watchdog timer interrupt,
the interrupt source needs to be determined. Table 10.6 lists Determining Interrupt Source for Oscillation
Stop Detection, Watchdog Timer, and Voltage Monitor 2 Interrupts.
• When the main clock restarts after oscillation stop, switch the main clock to the clock source of the CPU
clock and peripheral functions by a program.
• Figure 10.11 shows the Procedure for Switching Clock Source from Low-Speed On-Chip Oscillator to
Main Clock.
• To enter wait mode while using the oscillation stop detection function, set the CM02 bit to 0 (peripheral
function clock does not stop in wait mode).
• Since the oscillation stop detection function is a function for cases where the main clock is stopped by an
external cause, set bits OCD1 to OCD0 to 00b (oscillation stop detection function disabled) when the main
clock stops or is started by a program (stop mode is selected or the CM05 bit is changed).
• This function cannot be used when the main clock frequency is 2 MHz or below. In this case, set bits OCD1
to OCD0 to 00b (oscillation stop detection function disabled).
• To use the low-speed on-chip oscillator clock for the CPU clock and clock sources of peripheral functions
after detecting the oscillation stop, set the HRA01 bit in the HRA0 register to 0 (low-speed on-chip
oscillator selected) and bits OCD1 to OCD0 to 11b (oscillation stop detection function enabled).
To use the high-speed on-chip oscillator clock for the CPU clock and clock sources of peripheral functions
after detecting the oscillation stop, set the HRA01 bit to 1 (high-speed on-chip oscillator selected) and bits
OCD1 to OCD0 to 11b (oscillation stop detection function enabled).
Table 10.5
Specifications of Oscillation Stop Detection Function
Item
Specification
Oscillation stop detection clock and
frequency bandwidth
f(XIN)
≥ 2 MHz
Enabled condition for oscillation stop
detection function
Set bits OCD1 to OCD0 to 11b (oscillation stop detection
function enabled).
Operation at oscillation stop detection
Oscillation stop detection interrupt is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com