| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R8C2K bảng dữ liệu(PDF) 239 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2K bảng dữ liệu(HTML) 239 Page - Renesas Technology Corp |
|
239 / 471 page ![]() R8C/2K Group, R8C/2L Group 16. Timers Rev.1.10 Dec 21, 2007 Page 222 of 450 REJ09B0406-0110 16.4.2 Buffer Operation The TRDGRCi (i = 0 or 1) register can be used as the buffer register of the TRDGRAi register, and the TRDGRDi register can be used as the buffer register of the TRDGRBi register by means of bits BFCi and BFDi in the TRDMR register. • TRDGRAi buffer register: TRDGRCi register • TRDGRBi buffer register: TRDGRDi register Buffer operation depends on the mode. Table 16.36 lists the Buffer Operation in Each Mode. i = 0 or 1 Figure 16.65 Buffer Operation in Input Capture Function Table 16.36 Buffer Operation in Each Mode Function and Mode Transfer Timing Transfer Register Input capture function Input capture signal input Transfer content in TRDGRAi (TRDGRBi) register to buffer register Output compare function Compare match with TRDi register and TRDGRAi (TRDGRBi) register Transfer content in buffer register to TRDGRAi (TRDGRBi) register PWM mode Reset synchronous PWM mode Compare match withTRD0 register and TRDGRA0 register Transfer content in buffer register to TRDGRAi (TRDGRBi) register Complementary PWM mode • Compare match with TRD0 register and TRDGRA0 register • TRD1 register underflow Transfer content in buffer register to registers TRDGRB0, TRDGRA1, and TRDGRB1 PWM3 mode Compare match with TRD0 register and TRDGRA0 register Transfer content in buffer register to registers TRDGRA0, TRDGRB0, TRDGRA1, and TRDGRB1 m Transfer n TRDGRAi register n-1 n+1 TRDIOAi input TRDi register i = 0 or 1 The above applies under the following conditions: • The BFCi bit in the TRDMR register is set to 1 (the TRDGRCi register is used as the buffer register of the TRDGRAi register). • Bits IOA2 to IOA0 in the TRDIORAi register are set to 100b (input capture at the falling edge). m Transfer TRDGRCi register (buffer) n TRDGRCi register (buffer) TRDGRAi register TRDi TRDIOAi input (input capture signal) |