| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
R8C2A bảng dữ liệu(PDF) 94 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2A bảng dữ liệu(HTML) 94 Page - Renesas Technology Corp |
|
94 / 609 page ![]() R8C/2A Group, R8C/2B Group 7. Programmable I/O Ports Rev.2.00 Nov 26, 2007 Page 74 of 580 REJ09B0324-0200 X: 0 or 1 NOTE: 1. Pulled up by setting the PU02 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU02 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU02 bit in the PUR0 register to 1. X: 0 or 1 NOTE: 1. Pulled up by setting the PU02 bit in the PUR0 register to 1. X: 0 or 1 NOTES: 1. Pulled up by setting the PU03 bit in the PUR0 register to 1. 2. N-channel open-drain output by setting the NCH bit in the U0C0 register to 1. Table 7.12 Port P1_0/KI0/AN8 Register PD1 KIEN ADCON0 ADCON2 Function Bit PD1_0 KI0EN CH2 CH1 CH0 ADGSEL1 ADGSEL0 Setting Value 0 X XX XX X Input port(1) 1 X X X X X X Output port 0 1 XX XX X KI0 input 0 X 1 0 0 0 1 A/D converter input (AN8) Table 7.13 Port P1_1/KI1/AN9 Register PD1 KIEN ADCON0 ADCON2 Function Bit PD1_1 KI1EN CH2 CH1 CH0 ADGSEL1 ADGSEL0 Setting Value 0X X X X X X Input port(1) 1 X X X X X X Output port 01 X X X X X KI1 input 0 X 1 0 1 0 1 A/D converter input (AN9) Table 7.14 Port P1_2/KI2/AN10 Register PD1 KIEN ADCON0 ADCON2 Function Bit PD1_2 KI2EN CH2 CH1 CH0 ADGSEL1 ADGSEL0 Setting Value 0X X X X X X Input port(1) 1 X X X X X X Output port 01 X X X X X KI2 input 0 X 1 1 0 0 1 A/D converter input (AN10) Table 7.15 Port P1_3/KI3/AN11 Register PD1 KIEN ADCON0 ADCON2 Function Bit PD1_3 KI3EN CH2 CH1 CH0 ADGSEL1 ADGSEL0 Setting Value 0X X X X X X Input port(1) 1 X X X X X X Output port 01 X X X X X KI3 input 0 X 1 1 1 0 1 A/D converter input (AN11) Table 7.16 Port P1_4/TXD0 Register PD1 U0MR Function Bit PD1_4 SMD2 SMD1 SMD0 Setting Value 000 0 Input port(1) 1 0 0 0 Output port X 00 1 TXD0 output(2) 10 0 10 1 11 0 |