| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7206 bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7206 bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp |
|
73 / 1188 page ![]() Section 2 CPU Rev. 3.00 Jun. 18, 2008 Page 49 of 1160 REJ09B0191-0300 2.4 Instruction Set 2.4.1 Instruction Set by Classification Table 2.10 lists the instructions according to their classification. Table 2.10 Classification of Instructions Classification Types Operation Code Function No. of Instructions MOV Data transfer Immediate data transfer Peripheral module data transfer Structure data transfer Reverse stack transfer MOVA Effective address transfer MOVI20 20-bit immediate data transfer MOVI20S 20-bit immediate data transfer 8-bit left-shit MOVML R0 –Rn register save/restore MOVMU Rn –R14 and PR register save/restore MOVRT T bit inversion and transfer to Rn MOVT T bit transfer MOVU Unsigned data transfer NOTT T bit inversion PREF Prefetch to operand cache SWAP Swap of upper and lower bytes Data transfer 13 XTRCT Extraction of the middle of registers connected 62 |