công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7201 bảng dữ liệu(PDF) 35 Page - Renesas Technology Corp

tên linh kiện SH7201
Giải thích chi tiết về linh kiện  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7201 bảng dữ liệu(HTML) 35 Page - Renesas Technology Corp

Back Button SH7201 Datasheet HTML 31Page - Renesas Technology Corp SH7201 Datasheet HTML 32Page - Renesas Technology Corp SH7201 Datasheet HTML 33Page - Renesas Technology Corp SH7201 Datasheet HTML 34Page - Renesas Technology Corp SH7201 Datasheet HTML 35Page - Renesas Technology Corp SH7201 Datasheet HTML 36Page - Renesas Technology Corp SH7201 Datasheet HTML 37Page - Renesas Technology Corp SH7201 Datasheet HTML 38Page - Renesas Technology Corp SH7201 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 1196 page
background image
Section 1 Overview
Rev. 2.00 Sep. 07, 2007 Page 7 of 1164
REJ09B0321-0200
Item
Features
Serial communication
interface with FIFO
(SCIF)
• Eight channels
• Clock synchronous or asynchronous mode selectable
• Simultaneous transmission and reception (full-duplex communication)
supported
• Dedicated baud rate generator
• Separate 16-byte FIFO registers for transmission and reception
I
2C bus interface 3
(IIC3)
• Three channels
• Master mode and slave mode supported
Serial sound interface
(SSI)
• Two-channel bidirectional serial transfer
• Support of various serial audio formats
• Support of master and slave functions
• Generation of programmable word clock and bit clock
• Multichannel formats
• Support of 8, 16, 18, 20, 22, 24 and 32-bit data formats
Controller area
network (RCAN-ET)
• Two channels
• Supports CAN specification 2.0B
 Data and remote frame in standard format (11-bit ID)
 Data and remote frame in extended format (18-bit ID)
• 16 independent message buffers using IDs in standard (11-bit) or
extended (18-bit) format
• 15 Mailboxes for transmission or reception
• One receive-only Mailbox
• Message reception filtering by IDs:
 Standard message ID
 Extended message ID
• Local reception filter for all Mailboxes (standard and extended IDs) can
be specified
• Power consumption can be reduced in sleep mode
• CAN data transfer rate of up to 1 Mbit/s available
• Transmit message queue having an internal priority sorting
mechanism which handles priority-inversion issue of realtime
applications
• Data buffer access without hand-shaking
I/O ports
• 109 I/Os and 14 inputs
• Input or output can be selected for each bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com