| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7146 bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7146 bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp |
|
73 / 1022 page ![]() Section 2 CPU Rev. 3.00 May 17, 2007 Page 29 of 974 REJ09B0229-0300 Addressing Mode Instruction Format Effective Address Calculation Method Calculation Formula PC relative Rn Effective address is sum of PC and Rn. PC PC + Rn Rn + PC + Rn Immediate #imm:8 8-bit immediate data imm of TST, AND, OR, or XOR instruction is zero-extended. #imm:8 8-bit immediate data imm of MOV, ADD, or CMP/EQ instruction is sign-extended. #imm:8 8-bit immediate data imm of TRAPA instruction is zero-extended and multiplied by 4. 2.4.3 Instruction Formats This section describes the instruction formats, and the meaning of the source and destination operands. The meaning of the operands depends on the instruction code. The following symbols are used in the table. xxxx: Instruction code mmmm: Source register nnnn: Destination register iiii: Immediate data dddd: Displacement |