| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M61283FP bảng dữ liệu(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M61283FP bảng dữ liệu(HTML) 39 Page - Renesas Technology Corp |
|
39 / 55 page ![]() M61283FP Rev.1.0, Sep.23.2003, page 39 of 54 BB(R) blue back function (R) BB(G) blue back function (G) BB(B) blue back function (B) 1. Input SG.A to pin 46. 2. Measure the output amplitude (p-p) of pins 14, 15, 16 other than the blanking part. WB white raster function 1. Input SG.A to pin 46. 2. Measure the output amplitude (p-p) of pins 14, 15, 16 other than the blanking part. WBL-RB white balance difference-RB WBL-GB white balance difference-GB 1. Input SG.A (Y = 30%L with burst) to pin 46. 2. Measure the pin 14, 15, 16 output white level potential from GND. Measured values are taken to be M1R, M1G, M1B respectively. 3. Input SG.A (Y = 30%: without burst) to pin 46. 4. Measure the pin 14, 15, 16 output white level potential from GND. Measured values are taken to be M2R, M2G, M2B respectively. 5. Calculate the differences in measured values. 6. Calculate the differences between calculated values of Rch and Bch with the Bch measured value as reference, defined as follows. |