| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M61201SP bảng dữ liệu(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M61201SP bảng dữ liệu(HTML) 9 Page - Renesas Technology Corp |
|
9 / 14 page ![]() TV SIGNAL PROCESSOR FOR MULTI SYSTEM M61201SP MITSUBISHI ICs (TV) MITSUBISHI ELECTRIC Notice ; This is not a final specification. Some parametric limits are subject to change. I2C BUS CONTROL 1)SLAVE ADDRESS= BAH(WRITE), BBH(READ) 2)WRITE TABLE(input bytes) 9 A6 A5 A4 A3 A2 A1 A0 R/W 1 0 1 1 1 0 1 1/0 SUB ADDRESS DATA INITIAL HEX DEC BIN D7 D6 D5 D4 D3 D2 D1 D0 HEX DEC R MTX UP RF Delay Adj 00H 0 00000000 0 1 0 0 0 0 0 0 40H 64 VIF VCO ADJ. 01H 1 00000001 0 0 1 0 0 0 0 0 20H 32 Video Mute Audio EXT CTRAP Off Video T Sharp ABCL Black Stre. Off Take Off 02H 2 00000010 0 0 0 0 0 0 0 0 00H 0 Audio Mute Audio ATT 03H 3 00000011 0 0 0 0 0 0 0 0 00H 0 ABCL G UP AFT Defeat Video Tone 04H 4 00000100 0 0 V1 V0 V0 V0 V0 V0 20H 32 EXTRGB C. Clip Contrast Control 05H 5 00000101 V0 V1 V0 V0 V0 V0 V0 V0 40H 64 VIF Video Out Gain Y/C EXT Y DL Fine Adj Y DL Time Adj 06H 6 00000110 1 0 0 V0 V0 0 0 0 80H 128 VIF Defeat Tint Control 07H 7 00000111 0 V1 V0 V0 V0 V0 V0 V0 40H 64 Blue Back Color Control 08H 8 00001000 V0 V1 V0 V0 V0 V0 V0 V0 40H 64 HTONE-SW Color System 09H 9 00001001 1 1 1 1 1 0 0 0 F8H 248 Brightness Control 0AH 10 00001010 V1 V0 V0 V0 V0 V0 V0 V0 80H 128 fsc out1 Drive(R) 0BH 11 00001011 0 1 0 0 0 0 0 0 40H 64 fscout2 Drive(B) 0CH 12 00001100 0 1 0 0 0 0 0 0 40H 64 Cut Off(R) 0DH 13 00001101 1 0 0 0 0 0 0 0 80H 128 Cut Off(G) 0EH 14 00001110 1 0 0 0 0 0 0 0 80H 128 Cut Off(B) 0FH 15 00001111 1 0 0 0 0 0 0 0 80H 128 White Back V-free H VCO Adj VIF FREQ 10H 16 00010000 0 0 1 0 0 0 0 0 20H 32 DON'T USE Read Page V-Size 11H 17 00010001 0 0 1 0 0 0 0 0 20H 32 Monitoring Gamma Control C-TRAP Fine Adj 12H 18 00010010 0 0 0 0 0 0 0 0 00H 0 H-free 1 Window AFC1 GainUP H Stop Service SW V Shift 13H 19 00010011 0 0 0 0 0 0 0 0 00H 0 Black StretchDischarge Black Strech Charge S. SliceDown2 S.SliceDown1 SIF Freq 65 14H 20 00010100 0 0 0 0 0 0 1 1 03H 3 Force MONO Force COLOR C.Angle 95 Killer Level 15H 21 00010101 0 1 0 0 0 0 0 0 40H 64 V PULSE AFC2 H PHASE 16H 22 00010110 1 0 0 1 0 0 0 0 90H 144 V-AGC GAIN AFC2GainDown E/W PARABOLA 17H 23 00010111 1 0 1 0 0 0 0 0 A0H 160 DON'T USE E/W CORNER 18H 24 00011000 0 0 1 0 0 0 0 0 20H 32 BGPFBPoff Test On E/W TRAPEZIUM 19H 25 00011001 1 0 1 0 0 0 0 0 A0H 160 DL Test Monitor MSB E/W H SIZE 1AH 26 00011010 0 0 1 0 0 0 0 0 20H 32 HBLK Stop VBLK Stop V S-CORRECTION 1BH 27 00011011 0 0 1 0 0 0 0 0 20H 32 V60Hz Y SW LPF V LINEARITY 1CH 28 00011100 0 0 1 0 0 0 0 0 20H 32 1DH 29 00011101 1 0 0 0 1 0 0 0 88H 136 DON'T USE STPON STPREV STPSEL1 STPSEL0 1EH 30 00011110 1 0 0 0 0 0 0 0 80H 128 DON'T USE 1FH 31 00011111 0 0 0 0 0 0 0 0 00H 0 NOTE: V0 / V1 ==> V- LATCH BIT SUB ADDRESS D7 D6 D5 D4 D3 D2 D1 D0 00H 00000000 CONDITION/ KILLERB 0 NTSC 3.58M AFT0 AFT1 HCOINB V60Hz 01H 00000001 2WIN WIDEB VFREEB 0 0 VCOINB STDETB M N 2)READ TABLE (input bytes) PRELIMINARY |