công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37270EFSP bảng dữ liệu(PDF) 73 Page - Renesas Technology Corp

tên linh kiện M37270EFSP
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37270EFSP bảng dữ liệu(HTML) 73 Page - Renesas Technology Corp

Back Button M37270EFSP Datasheet HTML 69Page - Renesas Technology Corp M37270EFSP Datasheet HTML 70Page - Renesas Technology Corp M37270EFSP Datasheet HTML 71Page - Renesas Technology Corp M37270EFSP Datasheet HTML 72Page - Renesas Technology Corp M37270EFSP Datasheet HTML 73Page - Renesas Technology Corp M37270EFSP Datasheet HTML 74Page - Renesas Technology Corp M37270EFSP Datasheet HTML 75Page - Renesas Technology Corp M37270EFSP Datasheet HTML 76Page - Renesas Technology Corp M37270EFSP Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 95 page
background image
MITSUBISHI MICROCOMPUTERS
M37270MF-XXXSP
M37270EF-XXXSP, M37270EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
72
(16) Raster Coloring Function
An entire screen (raster) can be colored by setting the bits 6 to 0 of
the raster color register. Since each of the R, G, B, I1, I2, OUT1, and
OUT2 pins can be switched to raster coloring output, 7 raster colors
can be obtained.
If the OUT1 pin has been set to raster coloring output, a raster color-
ing signal is always output during 1 horizontal scanning period. This
setting is necessary for erasing a background TV image.
If the R, G, B, I1, and I2 pins have been set to output, a raster color-
ing signal is output in the part except a no-raster colored character
(in Figure 82, a character “1”) during 1 horizontal scanning period.
This ensures that character colors are not mixed with the raster color.
The structure of the raster color register is shown in Figure 81, the
example of raster coloring is shown in Figure 82.
Fig. 81. Structure of raster color register
Fig. 82. Example of raster coloring
7
Raster color register
(RC : address 021816)
Raster color R control bit
0 : No output
1 : Output
Raster color G control bit
0 : No output
1 : Output
Raster color B control bit
0 : No output
1 : Output
Raster color I1 control bit
0 : No output
1 : Output
Raster color I2 control bit
0 : No output
1 : Output
Raster color OUT1 control bit
0 : No output
1 : Output
Raster color OUT2 control bit
0 : No output
1 : Output
OSD interrupt source
selection bit
0 : Interrupt occurs at end
of OSD or EXOSD block
display
1 : Interrupt occurs at end
of CC mode block display
HSYNC
A'
A
OUT1
R
G
B
: Character color “RED” (R)
: Border color “GREEN” (G)
: Background color “MAGENTA” (R and B)
: Raster color “BLUE” (R and OUT1)
Signals
across
A-A'
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com