công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M37271MF bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện M37271MF
Giải thích chi tiết về linh kiện  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37271MF bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button M37271MF Datasheet HTML 15Page - Renesas Technology Corp M37271MF Datasheet HTML 16Page - Renesas Technology Corp M37271MF Datasheet HTML 17Page - Renesas Technology Corp M37271MF Datasheet HTML 18Page - Renesas Technology Corp M37271MF Datasheet HTML 19Page - Renesas Technology Corp M37271MF Datasheet HTML 20Page - Renesas Technology Corp M37271MF Datasheet HTML 21Page - Renesas Technology Corp M37271MF Datasheet HTML 22Page - Renesas Technology Corp M37271MF Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 98 page
background image
MITSUBISHI MICROCOMPUTERS
M37271MF-XXXSP
M37271EF-XXXSP, M37271EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
18
Fig. 10. Structure of timer-related registers
70
Timer mode register 1
(TMR1 : address 00F416)
Timer 1 count source selection bit 1
0 : f(XIN)/16 or f(XCIN)/16 (Note)
1 : Count source selected by bit 5
of TMR1
Timer 2 count source selection bit 1
0 : Count source selected by bit 4 of
TMR1
1 : External clock from P42/TIM2 pin
Timer 1 count stop bit
0 : Count start
1 : Count stop
Timer 2 count stop bit
0 : Count start
1 : Count stop
Timer 2 count source selection bit 2
0 : f(XIN)/16 or f(XCIN)/16 (Note)
1 : Timer 1 overflow
Timer 1 count source selection bit 2
0 : f(XIN)/4096 or f(XCIN)/4096 (Note)
1 : External clock from P42/TIM2
pin
Timer 5 count source selection bit 2
0 : Timer 2 overflow
1 : Timer 4 overflow
Timer 6 count source selection bit
0 : f(XIN)/16 or f(XCIN)/16 (Note)
1 : Timer 5 overflow
70
Timer mode register 2
(TMR2 : address 00F516)
Timer 3 count stop bit
0 : Count start
1 : Count stop
Timer 4 count stop bit
0 : Count start
1 : Count stop
Timer 5 count stop bit
0 : Count start
1 : Count stop
Timer 6 count stop bit
0 : Count start
1 : Count stop
Timer 5 count source selection bit 1
0 : f(XIN)/16 or f(XCIN)/16 (Note)
1 : Count source selected by bit 6
of TMR1
Timer 3 count source selection bit
0
0 : f(XIN)/16 or f(XCIN)/16 (Note)
1
0 : f(XCIN)
0
1 :
1
1 :
(Bit 6 at
address
00C716)
External clock from
P43/TIM3 pin
Timer 4 count source selection bits
b4 b1
0
0 : Timer 3 overflow
0
1 : f(XIN)/16 or f(XCIN)/16 (Note)
1
0 : f(XIN)/2 or f(XCIN)/2 (Note)
1
1 : f(XCIN)
b0
Note : Either f(XIN) or f(XCIN) is selected by bit 7 of the CPU mode register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98