| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35080FP bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35080FP bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 28 page ![]() MITSUBISHI MICROCOMPUTERS M35080FP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 9 00016 00116 00216 00316 00416 00516 00616 00716 00816 00916 00A16 00B16 00C16 00D16 00E16 00F16 01016 01116 01216 01316 01416 01516 01616 01716 01816 01916 01A16 01B16 01C16 01D16 01E16 01F16 02016 02116 02216 02316 02416 02516 02616 02716 02816 02916 02A16 02B16 02C16 02D16 02E16 02F16 2D016 2D116 2D216 2D316 2D416 2D516 2D616 2D716 2D816 2D916 2DA16 2DB16 2DC16 2DD16 2DE16 2DF16 2E016 2E2E6 2E216 2E316 2E416 2E516 2E616 2E716 2E816 2E916 2EA16 2EB16 2EC16 2ED16 2EE16 2EF16 2F016 2F116 2F216 2F316 2F416 2F516 2F616 2F716 2F816 2F916 2FA16 2FB16 2FC16 2FD16 2FE16 2FF16 1 2 3 4 5 6 91 92 93 94 95 96 * The numerical value in a thick frame corresponds to lower 10-bits of bit map RAM (R0 to R2, G0 to G2, B0 to B2) address. (n RAM character number : 0 to 7) Dot composition in 1 address (16 bits) is MSB....................LSB 1 to 16 17 to 32 33 to 48 49 to 64 65 to 80 81 to 96 97 to 112113 to 128 Lines Dots 00016 00116 00216 00316 00416 00516 00616 00716 00816 00916 00A16 00B16 00C16 00D16 00E16 00F16 01016 01116 01216 01316 01416 01516 01616 01716 2E816 2E916 2EA16 2EB16 2EC16 2ED16 2EE16 2EF16 2F016 2F116 2F216 2F316 2F416 2F516 2F616 2F716 2F816 2F916 2FA16 2FB16 2FC16 2FD16 2FE16 2FF16 1 2 3 4 5 6 187 188 189 190 191 192 1 to 16 17 to 32 33 to 48 49 to 64 Lines Dots Pixel composition Each bit of a bit map display consists of nine bit map RAM (R0 to R2, G0 to G2, and B0 to B2.) Color setup can be specified out of 512 kinds per dot. The bit map RAM address corresponding to dot composition in case pixel composition is 128 dot x 96 dot is shown in Fig. 11. And, the bit map RAM address corresponding to dot composition in case pixel composition is 64 dot x192 dot is shown in Fig. 12. In other pixel composition, the bit map RAM is similarly assigned in an order from the dots 1 to 16 of line 1. Fig.11 Pixel composition (at 128 dots ✕ 96 dots) * The numerical value in a thick frame corresponds to lower 10-bits of bit map RAM (R0 to R2, G0 to G2, B0 to B2) address. (n RAM character number : 0 to 7) Dot composition in 1 address (16 bits) is MSB....................LSB Fig.12 Pixel composition (at 64 dots ✕ 192 dots) |