| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35074 bảng dữ liệu(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35074 bảng dữ liệu(HTML) 21 Page - Renesas Technology Corp |
|
21 / 44 page ![]() MITSUBISHI MICROCOMPUTERS M35074-XXXSP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 20 When the character extends to the top line of the matrix, no border is left at the top. Note: Hatching represents border. When the character extends to the bottom (18th) line of the matrix, no border is left at the bottom. 12 dots Note: Border CHARACTER FONT Images are composed on a 12 ✕ 18 dot matrix, and characters can be linked vertically and horizontally with other characters to al- low the display the continuous symbols. Character code FF16 is fixed as a blank without background. Therefore, cannot register a character font in this code. Fig.6 Example of border display |