| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M35062 bảng dữ liệu(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M35062 bảng dữ liệu(HTML) 26 Page - Renesas Technology Corp |
|
26 / 41 page ![]() MITSUBISHI MICROCOMPUTERS M35062-XXXSP SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS 25 SERIAL DATA INPUT TIMING (1) The address consists of 8 bits × 3. (2) The data consists of 8 bits × 3. (3) __ The 8 bits × 3 in the SCK after the CS signal has fallen are the address, and for succeeding input data, the address is incremented every 24 bits (8 bits × 3). Refer to Fig.12 about de- tail for address increment. Fig. 11 Serial input timing N=1, 2, 3 LSB LSB MSB MSB LSB MSB CS SCK DA7 to DA0 (MSB) (LSB) Address (8 bits!3) Data N (8 bits!3) Data N+1 (8 bits!3) |